| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BL-R2132B Datasheet
# Example questions:
➢ What is the maximum forward current that this led can handle without damage?
➢ What is the specified operating temperature range for this led component?
➢ What is the typical dominant wavelength emitted by this green led at a forward current of 20ma?
# BL-R2132B Green LED
## Features
· Chip Material: GaP/GaP
· Emitted Color: Green
· Lens Appearance: Green Diffused
· Low power consumption
· Suitable for level indicator applications
· Excellent light uniformity
· Long life, solid-state reliability
· RoHS compliant (no restricted substances)
## Applications
· TV Sets
· Monitors
· Telephones
· Computers
· Circuit Boards
## Absolute Maximum Ratings (Ta=25℃)
· Power Dissipation (Pd): 80 mW
· Forward Current (IF): 30 mA
· Peak Forward Current (IFP): 150 mA (Pulse: 1/10 duty, 0.1msec width)
· Reverse Voltage (VR): 5 V
· Operating Temperature (Topr): -40℃ ~ 80℃
· Storage Temperature (Tstg): -40℃ ~ 85℃
· Soldering Temperature (Tsol): 260℃ (5 seconds)
## Electrical and Optical Characteristics (Ta=25℃)
· Forward Voltage (VF): 2.2 V - 2.6 V (IF=20mA)
· Luminous Intensity (Iv): 5.0 mcd (IF=20mA)
· Reverse Current (IR): ≤ 100 µA (VR=5V)
· Peak Wavelength (λp): 568 nm (IF=20mA)
· Dominant Wavelength (λd): 560 nm - 576 nm (IF=20mA)
· Spectral Line Half-Width (∆λ): ≤ 30 nm (IF=20mA)
· Viewing Angle (2θ1/2): ≤ 120 deg (IF=20mA)
# BL-R2132B Green LED
## Features
· Chip Material: GaP/GaP
· Emitted Color: Green
· Lens Appearance: Green Diffused
· Low power consumption
· Suitable for level indicator applications
· Excellent light uniformity
· Long life, solid-state reliability
· RoHS compliant (no restricted substances)
## Applications
· TV Sets
· Monitors
· Telephones
· Computers
· Circuit Boards
## Absolute Maximum Ratings (Ta=25℃)
· Power Dissipation (Pd): 80 mW
· Forward Current (IF): 30 mA
· Peak Forward Current (IFP): 150 mA (Pulse: 1/10 duty, 0.1msec width)
· Reverse Voltage (VR): 5 V
· Operating Temperature (Topr): -40℃ ~ 80℃
· Storage Temperature (Tstg): -40℃ ~ 85℃
· Soldering Temperature (Tsol): 260℃ (5 seconds)
## Electrical and Optical Characteristics (Ta=25℃)
· Forward Voltage (VF): 2.2 V - 2.6 V (IF=20mA)
· Luminous Intensity (Iv): 5.0 mcd (IF=20mA)
· Reverse Current (IR): ≤ 100 µA (VR=5V)
· Peak Wavelength (λp): 568 nm (IF=20mA)
· Dominant Wavelength (λd): 560 nm - 576 nm (IF=20mA)
· Spectral Line Half-Width (∆λ): ≤ 30 nm (IF=20mA)
· Viewing Angle (2θ1/2): ≤ 120 deg (IF=20mA)
| Part No. | BL-R2132B |
| Manufacturer | BRIGHT |
| Size | 138 Kbytes |
| Pages | 2 pages |
| Description | GaP/GaP Green Diffused Low power consumption |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |