Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SFT5001 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about SFT5001 Datasheet

  • # Example questions: ➢ Which package types are available for the sft5001, and what are the corresponding pin assignments for the collector, emitter, and base?
    ➢ How does the thermal resistance (rθjc) affect the device's power dissipation capability?
    ➢ What is the maximum collector current (ic) that the sft5001 can handle?

  • Part No.SFT5001
    ManufacturerSSDI
    Size128 Kbytes
    Pages2 pages
    DescriptionHigh Speed PNP Transistor
    Datasheet Summary with AI

    # SFT5001 PNP Transistor

    ## Features
    · Radiation Tolerant
    · Superior to JEDEC 2N5001 Series
    · High Frequency (fT > 80MHz)
    · Very Low Saturation
    · Fast Switching (130ns max t(on))
    · Complementary use with SFT3997
    · TX, TXV, S-Level Screening Available

    ## Maximum Ratings
    · VCEO: 80V
    · VCBO: 125V
    · VEBO: 7V
    · IC: 5A
    · IB: 1A
    · PD (TC = 100°C): 30W
    · Operating/Storage Temperature: -65 to +200°C
    · RθJC: 3.33°C/W

    ## Electrical Characteristics
    · BVCEO (IC = 10mA): 80V
    · BVCBO (IC = 20µA): 125V
    · BVEBO (IE = 20µA): 7V
    · ICEO (VCE = 40V): 10µA
    · ICBO (VCB = 100V): 1.0µA
    · hFE (IC = 50mA, VCE = 5V): 50
    · hFE (IC = 1.0A, VCE = 5V): 50
    · hFE (IC = 5.0A, VCE = 5V): 30
    · VCE(SAT) (IC = 1.0A, IB = 100mA): 0.5V
    · VCE(SAT) (IC = 5.0A, IB = 500mA): 1.0V
    · VBE(SAT) (IC = 1.0A, IB = 100mA): 0.9V
    · VBE(SAT) (IC = 5.0A, IB = 500mA): 1.2V
    · fT (VCE = 5V, IC = 0.5A, f = 10MHz): 80MHz
    · Cob (VCB = 10V, IE = 0A, f = 1.0MHz): 75pF
    · t(on): 150ns
    · tr: 150ns
    · t(off): 500ns
    · tf: 500ns

    ## Available Part Numbers
    · SFT5001/59
    · SFT5001/66
    · SFT5001J
    · SFT5001JUB
    · SFT5001JDB
    · SFT5001JR
    · SFT5001JRUB
    · SFT5001JRDB
    · SFT5001S.5

    ## Pin Configuration

    Package Collector Emitter Base
    TO-59 (/59) Pin 1 Pin 2 Pin 3
    TO-66 (/66) Case Pin 2 Pin 3
    TO-257 (J) Pin 1 Pin 2 Pin 3
    SMD .5 (S.5) Pin 1 Pin 2 Pin 3
    TO-257 (JR) Pin 2 Pin 3 Pin 1

    # SFT5001 PNP Transistor

    ## Features
    · Radiation Tolerant
    · Superior to JEDEC 2N5001 Series
    · High Frequency (fT > 80MHz)
    · Very Low Saturation
    · Fast Switching (130ns max t(on))
    · Complementary use with SFT3997
    · TX, TXV, S-Level Screening Available

    ## Maximum Ratings
    · VCEO: 80V
    · VCBO: 125V
    · VEBO: 7V
    · IC: 5A
    · IB: 1A
    · PD (TC = 100°C): 30W
    · Operating/Storage Temperature: -65 to +200°C
    · RθJC: 3.33°C/W

    ## Electrical Characteristics
    · BVCEO (IC = 10mA): 80V
    · BVCBO (IC = 20µA): 125V
    · BVEBO (IE = 20µA): 7V
    · ICEO (VCE = 40V): 10µA
    · ICBO (VCB = 100V): 1.0µA
    · hFE (IC = 50mA, VCE = 5V): 50
    · hFE (IC = 1.0A, VCE = 5V): 50
    · hFE (IC = 5.0A, VCE = 5V): 30
    · VCE(SAT) (IC = 1.0A, IB = 100mA): 0.5V
    · VCE(SAT) (IC = 5.0A, IB = 500mA): 1.0V
    · VBE(SAT) (IC = 1.0A, IB = 100mA): 0.9V
    · VBE(SAT) (IC = 5.0A, IB = 500mA): 1.2V
    · fT (VCE = 5V, IC = 0.5A, f = 10MHz): 80MHz
    · Cob (VCB = 10V, IE = 0A, f = 1.0MHz): 75pF
    · t(on): 150ns
    · tr: 150ns
    · t(off): 500ns
    · tf: 500ns

    ## Available Part Numbers
    · SFT5001/59
    · SFT5001/66
    · SFT5001J
    · SFT5001JUB
    · SFT5001JDB
    · SFT5001JR
    · SFT5001JRUB
    · SFT5001JRDB
    · SFT5001S.5

    ## Pin Configuration

    Package Collector Emitter Base
    TO-59 (/59) Pin 1 Pin 2 Pin 3
    TO-66 (/66) Case Pin 2 Pin 3
    TO-257 (J) Pin 1 Pin 2 Pin 3
    SMD .5 (S.5) Pin 1 Pin 2 Pin 3
    TO-257 (JR) Pin 2 Pin 3 Pin 1

    Part No.SFT5001
    ManufacturerSSDI
    Size128 Kbytes
    Pages2 pages
    DescriptionHigh Speed PNP Transistor
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com