| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MBR545F_08 Datasheet
# Example questions:
➢ What is the maximum peak forward surge current the mbr545f can withstand, and for how long?
➢ What is the typical forward voltage drop at a current of 5a and a case temperature of 25°c?
➢ What is the maximum operating temperature for the mbr545f rectifier?
# MBR545F Schottky Barrier Rectifier
## Features
· 5 Amp current
· 45 Volts
· Low forward voltage drop
· High frequency properties and switching speed
· High current capability
· Guard Ring for over-voltage protection
· Lead Free Finish/RoHS Compliant
## Maximum Ratings
· Operating Temperature: -65°C to +150°C
· Storage Temperature: -65°C to +150°C
· Maximum Thermal Resistance, Rthjc: 4.5°C/W
## Electrical Characteristics
· Maximum Recurrent Peak Reverse Voltage: 45V
· Maximum RMS Voltage: 31.5V
· Maximum DC Blocking Voltage: 45V
· Average Forward Current (IF(AV)): 5 A
· Peak Forward Surge Current (IFSM): 80A
· Maximum Instantaneous Forward Voltage (VF): 0.55V/0.49V
· Maximum DC Reverse Current (IR): 1mA/40mA
## Ordering Information
· (Part Number)-BP: Bulk; 1Kpcs/Box
# MBR545F Schottky Barrier Rectifier
## Features
· 5 Amp current
· 45 Volts
· Low forward voltage drop
· High frequency properties and switching speed
· High current capability
· Guard Ring for over-voltage protection
· Lead Free Finish/RoHS Compliant
## Maximum Ratings
· Operating Temperature: -65°C to +150°C
· Storage Temperature: -65°C to +150°C
· Maximum Thermal Resistance, Rthjc: 4.5°C/W
## Electrical Characteristics
· Maximum Recurrent Peak Reverse Voltage: 45V
· Maximum RMS Voltage: 31.5V
· Maximum DC Blocking Voltage: 45V
· Average Forward Current (IF(AV)): 5 A
· Peak Forward Surge Current (IFSM): 80A
· Maximum Instantaneous Forward Voltage (VF): 0.55V/0.49V
· Maximum DC Reverse Current (IR): 1mA/40mA
## Ordering Information
· (Part Number)-BP: Bulk; 1Kpcs/Box
| Part No. | MBR545F_08 |
| Manufacturer | MCC |
| Size | 138 Kbytes |
| Pages | 3 pages |
| Description | 5 Amp Schottky Barrier Rectifier 45 Volts |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |