| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2N4912 Datasheet
# Example questions:
➢ What are the pin assignments for the to-66 package, specifically which pin corresponds to the base?
➢ What is the maximum collector current (ic) that this transistor can handle continuously?
➢ What is the typical thermal resistance from junction to case (rθjc) for this transistor?
# SILICON EPITAXIAL NPN TRANSISTOR 2N4912
## ELECTRICAL CHARACTERISTICS
️· Collector-Emitter Breakdown Voltage (V(BR)CEO): 80V (IC = 10mA, IB = 0)
️· Collector-Emitter Cut-Off Current (ICEO): 0.5mA (VCE = 40V, IB = 0), 0.1mA (VCE = 80V, VBE = -1.5V), 1.0mA (VCE = 80V, VBE = -1.5V, TC = 150°C)
️· Emitter-Base Cut-Off Current (IEBO): 1.0mA (VEB = 5V, IC = 0)
️· Collector-Base Cut-Off Current (ICBO): 0.1mA (VCB = 80V, IE = 0)
️· Base-Emitter Voltage (VBE): 1.3V (IC = 1.0A, VCE = 1.0V)
️· Collector-Emitter Saturation Voltage (VCE(sat)): 0.6V (IC = 1.0A, IB = 100mA)
️· Base-Emitter Saturated Voltage (VBE(sat)): 1.3V (IC = 1.0A, IB = 100mA)
️· Forward Current Transfer Ratio (hFE): 40 (IC = 50mA, VCE = 1.0V), 20-100 (IC = 500mA, VCE = 1.0V), 10+ (IC = 1.0A, VCE = 1.0V)
## DYNAMIC CHARACTERISTICS
️· Transition Frequency (fT): 3.0-22 MHz (IC = 250mA, VCE = 10V, f = 1.0MHz)
️· Small-Signal Current Gain (hfe): 25-70 (IC = 250mA, VCE = 10V, f = 1.0KHz)
️· Output Capacitance (Cobo): 45-100 pF (IE = 0, VCB = 10V, f = 1.0MHz)
## ABSOLUTE MAXIMUM RATINGS (TC = 25°C)
️· Collector-Base Voltage (VCBO): 80V
️· Collector-Emitter Voltage (VCEO): 80V
️· Emitter-Base Voltage (VEBO): 5V
️· Continuous Collector Current (IC): 1.0A
️· Base Current (IB): 1.0A
️· Total Power Dissipation (PD): 25W (at Tc = 25°C), Derate 0.143W/°C above 25°C
️· Junction Temperature (TJ): -65 to +200°C
️· Storage Temperature (Tstg): -65 to +200°C
## THERMAL PROPERTIES
️· Thermal Resistance, Junction to Case (RθJC): 7 °C/W
## MECHANICAL DATA
️· Package: TO66 (TO-213AA)
️· Pinout: Pin 1 - Base, Pin 2 - Emitter, Case - Collector
# SILICON EPITAXIAL NPN TRANSISTOR 2N4912
## ELECTRICAL CHARACTERISTICS
️· Collector-Emitter Breakdown Voltage (V(BR)CEO): 80V (IC = 10mA, IB = 0)
️· Collector-Emitter Cut-Off Current (ICEO): 0.5mA (VCE = 40V, IB = 0), 0.1mA (VCE = 80V, VBE = -1.5V), 1.0mA (VCE = 80V, VBE = -1.5V, TC = 150°C)
️· Emitter-Base Cut-Off Current (IEBO): 1.0mA (VEB = 5V, IC = 0)
️· Collector-Base Cut-Off Current (ICBO): 0.1mA (VCB = 80V, IE = 0)
️· Base-Emitter Voltage (VBE): 1.3V (IC = 1.0A, VCE = 1.0V)
️· Collector-Emitter Saturation Voltage (VCE(sat)): 0.6V (IC = 1.0A, IB = 100mA)
️· Base-Emitter Saturated Voltage (VBE(sat)): 1.3V (IC = 1.0A, IB = 100mA)
️· Forward Current Transfer Ratio (hFE): 40 (IC = 50mA, VCE = 1.0V), 20-100 (IC = 500mA, VCE = 1.0V), 10+ (IC = 1.0A, VCE = 1.0V)
## DYNAMIC CHARACTERISTICS
️· Transition Frequency (fT): 3.0-22 MHz (IC = 250mA, VCE = 10V, f = 1.0MHz)
️· Small-Signal Current Gain (hfe): 25-70 (IC = 250mA, VCE = 10V, f = 1.0KHz)
️· Output Capacitance (Cobo): 45-100 pF (IE = 0, VCB = 10V, f = 1.0MHz)
## ABSOLUTE MAXIMUM RATINGS (TC = 25°C)
️· Collector-Base Voltage (VCBO): 80V
️· Collector-Emitter Voltage (VCEO): 80V
️· Emitter-Base Voltage (VEBO): 5V
️· Continuous Collector Current (IC): 1.0A
️· Base Current (IB): 1.0A
️· Total Power Dissipation (PD): 25W (at Tc = 25°C), Derate 0.143W/°C above 25°C
️· Junction Temperature (TJ): -65 to +200°C
️· Storage Temperature (Tstg): -65 to +200°C
## THERMAL PROPERTIES
️· Thermal Resistance, Junction to Case (RθJC): 7 °C/W
## MECHANICAL DATA
️· Package: TO66 (TO-213AA)
️· Pinout: Pin 1 - Base, Pin 2 - Emitter, Case - Collector
| Part No. | 2N4912 |
| Manufacturer | SEME-LAB |
| Size | 88 Kbytes |
| Pages | 3 pages |
| Description | SILICON EPITAXIAL NPN TRANSISTOR |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |