Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.EB412R6SGX15
MfrVISHAY
Size166 Kbytes
Pages4 pages
DescriptionEdgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
Datasheet SummaryAI
# EB4 Edgeboard Connectors

## Electrical Specifications
️· Current Rating: 3A
️· Test Voltage: 650 VRMS (sea level), 275 VRMS (70,000 feet)
️· Insulation Resistance: 5000 MΩ min @ 500V DC
️· Contact Resistance: 30mV max (with gold plating)
️· Operating Temperature: -65°C to +125°C
️· Durability: 500 cycles (contact resistance < 0.030V @ 3A)
️· Shock: 50G (3 planes, no continuity loss)
️· Vibration: 10-55 cps (3 planes, no continuity loss)

## Features
️· Grid Patterns: 0.100" C-C x 0.150" & 0.100" C-C x 0.200"
️· Terminals: Standard & Right Angle
️· Body Materials: Diallyl phthalate, phenolic, glass-filled polyester, glass-filled polyphenylene sulfied
️· Contact Styles: 3 standard, 4 right angle
️· Body Sizes: 20
️· Mounting Styles: 6
️· Plating: Selective gold plating
️· PCB Thickness: 0.054" to 0.071"
️· Polarization: Between contact positions

## Materials
️· Body: Glass-filled diallyl phthalate, phenolic, polyester, or polyphenylene sulfied (UL 94 V-0)
️· Contacts: Phosphor bronze
️· Polarizing Key: Glass reinforced nylon (UL 94H-B)
️· Plating: Gold over nickel

## Ordering Information
️· Model: EB4
️· Body Material: 1, 2, 3, or 5
️· Terminal Variation: C, D, K, 1R, 2R, 3R, 4R
️· Contacts per Side: 6, 10, 12, 15, 18, 20, 22, 25, 28, 30, 31, 35, 36, 40, 43, 44, 48, 49, 50, 60, 65
️· Contact Plating: SG (selective gold), SGF (selective gold, thinner)
️· Mounting Variation: X, XF, XS, XFS, W, YF, Y
️· Polarizing Key: Specified with position number (-1, -3, -5, etc.)

## Dimensions
️· Detailed dimensional tables provided for various contact counts and mounting options (refer to datasheet images for specific values). Includes length, width, height, and key dimensions.

## Applications
️· For 0.0625" printed circuit boards with 0.100" edgeboard connectors.
EB412R6SGX15 Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about EB412R6SGX15 Datasheet.
    Example questions: ➤ What is the purpose of the 'polarizing key' mentioned repeatedly throughout the document?➤ What is the tolerance associated with the '0.096' measurement given in the document?➤ What are the typical card thickness values specified in the document, expressed in inches?
  • Datasheet Details
    Part No.EB412R6SGX15
    ManufacturerVISHAY
    Size166 Kbytes
    Pages4 pages
    DescriptionEdgeboard Connectors, Dual Readout, 0.100" (2.54 mm) C-C, Standard and Right Angle Terminals
    Datasheet Summary AI Expand summary
    # EB4 Edgeboard Connectors

    ## Electrical Specifications
    ️· Current Rating: 3A
    ️· Test Voltage: 650 VRMS (sea level), 275 VRMS (70,000 feet)
    ️· Insulation Resistance: 5000 MΩ min @ 500V DC
    ️· Contact Resistance: 30mV max (with gold plating)
    ️· Operating Temperature: -65°C to +125°C
    ️· Durability: 500 cycles (contact resistance < 0.030V @ 3A)
    ️· Shock: 50G (3 planes, no continuity loss)
    ️· Vibration: 10-55 cps (3 planes, no continuity loss)

    ## Features
    ️· Grid Patterns: 0.100" C-C x 0.150" & 0.100" C-C x 0.200"
    ️· Terminals: Standard & Right Angle
    ️· Body Materials: Diallyl phthalate, phenolic, glass-filled polyester, glass-filled polyphenylene sulfied
    ️· Contact Styles: 3 standard, 4 right angle
    ️· Body Sizes: 20
    ️· Mounting Styles: 6
    ️· Plating: Selective gold plating
    ️· PCB Thickness: 0.054" to 0.071"
    ️· Polarization: Between contact positions

    ## Materials
    ️· Body: Glass-filled diallyl phthalate, phenolic, polyester, or polyphenylene sulfied (UL 94 V-0)
    ️· Contacts: Phosphor bronze
    ️· Polarizing Key: Glass reinforced nylon (UL 94H-B)
    ️· Plating: Gold over nickel

    ## Ordering Information
    ️· Model: EB4
    ️· Body Material: 1, 2, 3, or 5
    ️· Terminal Variation: C, D, K, 1R, 2R, 3R, 4R
    ️· Contacts per Side: 6, 10, 12, 15, 18, 20, 22, 25, 28, 30, 31, 35, 36, 40, 43, 44, 48, 49, 50, 60, 65
    ️· Contact Plating: SG (selective gold), SGF (selective gold, thinner)
    ️· Mounting Variation: X, XF, XS, XFS, W, YF, Y
    ️· Polarizing Key: Specified with position number (-1, -3, -5, etc.)

    ## Dimensions
    ️· Detailed dimensional tables provided for various contact counts and mounting options (refer to datasheet images for specific values). Includes length, width, height, and key dimensions.

    ## Applications
    ️· For 0.0625" printed circuit boards with 0.100" edgeboard connectors.