Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.LM393D
MfrTGS
Size199 Kbytes
Pages4 pages
DescriptionDual Differential Comparators
Datasheet SummaryAI
# LM393 Dual Differential Comparator

## Description
️· Dual voltage comparator with low offset voltage (2.0mV max).
️· Operates from a single or split power supply.
️· Low power consumption (0.8mA typical).
️· Input common-mode voltage includes ground.
️· Compatible with TTL, DTL, ECL, MOS, and CMOS logic.

## Features
️· Supply Voltage: 2V to 36V (single), ±1V to ±18V (dual).
️· Supply Current: 0.8mA (typical), 2.0mW/comparator @ 5V.
️· Input Bias Current: 25nA.
️· Input Offset Current: 5.0nA.
️· Input Offset Voltage: 5.0mV.
️· Differential Input Voltage: Equal to supply voltage.

## Pin Configuration
️· 1: Output 1 (OUT1)
️· 2: -Input 1 (IN1-)
️· 3: +Input 1 (IN1+)
️· 4: Ground (GND)
️· 5: +Input 2 (IN2+)
️· 6: -Input 2 (IN2-)
️· 7: Output 2 (OUT2)
️· 8: Supply Voltage (Vcc)

## Absolute Maximum Ratings
️· Supply Voltage: ±18V / 36V
️· Differential Input Voltage: 36V
️· Input Common-Mode Voltage: -0.3V to 36V
️· Output Short-Circuit to Ground: 20mA
️· Input Current: 50mA
️· Junction Temperature: 125°C
️· Operating Temperature: -20°C to +85°C
️· Storage Temperature: -65°C to +150°C

## Electrical Characteristics (Vcc=5V, Tamb=25°C)
️· Input Offset Voltage: ±1.0mV to ±9.0mV
️· Input Offset Current: ±5.0nA to ±150nA
️· Input Bias Current: 25nA to 400nA
️· Input Common-Mode Voltage Range: 0V to Vcc-2.0V
️· Supply Current: 0.4mA to 2.5mA
️· Voltage Gain: 50V/mV to 200V/mV
️· Response Time: 300ns to 1.3ns

## Applications
️· Can be used with single or split power supplies.
LM393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393D Datasheet.
    Example questions: ➤ Can this lm393 be used in an application requiring a supply voltage of 5v, and how does the feature list support this?➤ What is the maximum allowable input current (iin) for this comparator, according to the absolute maximum ratings table?➤ How does the typical supply current (icc) change when the supply voltage (vcc) is increased from 5v to 30v, based on the electrical characteristics table?
  • Datasheet Details
    Part No.LM393D
    ManufacturerTGS
    Size199 Kbytes
    Pages4 pages
    DescriptionDual Differential Comparators
    Datasheet Summary AI Expand summary
    # LM393 Dual Differential Comparator

    ## Description
    ️· Dual voltage comparator with low offset voltage (2.0mV max).
    ️· Operates from a single or split power supply.
    ️· Low power consumption (0.8mA typical).
    ️· Input common-mode voltage includes ground.
    ️· Compatible with TTL, DTL, ECL, MOS, and CMOS logic.

    ## Features
    ️· Supply Voltage: 2V to 36V (single), ±1V to ±18V (dual).
    ️· Supply Current: 0.8mA (typical), 2.0mW/comparator @ 5V.
    ️· Input Bias Current: 25nA.
    ️· Input Offset Current: 5.0nA.
    ️· Input Offset Voltage: 5.0mV.
    ️· Differential Input Voltage: Equal to supply voltage.

    ## Pin Configuration
    ️· 1: Output 1 (OUT1)
    ️· 2: -Input 1 (IN1-)
    ️· 3: +Input 1 (IN1+)
    ️· 4: Ground (GND)
    ️· 5: +Input 2 (IN2+)
    ️· 6: -Input 2 (IN2-)
    ️· 7: Output 2 (OUT2)
    ️· 8: Supply Voltage (Vcc)

    ## Absolute Maximum Ratings
    ️· Supply Voltage: ±18V / 36V
    ️· Differential Input Voltage: 36V
    ️· Input Common-Mode Voltage: -0.3V to 36V
    ️· Output Short-Circuit to Ground: 20mA
    ️· Input Current: 50mA
    ️· Junction Temperature: 125°C
    ️· Operating Temperature: -20°C to +85°C
    ️· Storage Temperature: -65°C to +150°C

    ## Electrical Characteristics (Vcc=5V, Tamb=25°C)
    ️· Input Offset Voltage: ±1.0mV to ±9.0mV
    ️· Input Offset Current: ±5.0nA to ±150nA
    ️· Input Bias Current: 25nA to 400nA
    ️· Input Common-Mode Voltage Range: 0V to Vcc-2.0V
    ️· Supply Current: 0.4mA to 2.5mA
    ️· Voltage Gain: 50V/mV to 200V/mV
    ️· Response Time: 300ns to 1.3ns

    ## Applications
    ️· Can be used with single or split power supplies.