| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MIC23153 Datasheet
# Example questions:
➢ What are the variables in that equation, and what does vref represent?
➢ What is the purpose of the sense (sns) pin and where should it be placed in relation to other components?
➢ What is the recommended minimum capacitance for the soft-start (ss) pin?
1. Overview & Function
️· Device: MIC23153 – A regulator (either fixed output voltage or adjustable output voltage).
️· Type: Switch mode regulator
️· Function: Provides regulated output voltage, reducing inrush current.
2. Input/Enable (VIN & EN)
️· VIN (Input Voltage): 2.7V to 5.5V. Requires a minimum 2.2µF input capacitor close to VIN and PGND. Input capacitor must be rated for at least 6.3V.
️· EN (Enable):
- Logic High: Activates output voltage.
- Logic Low: Deactivates output (current drops to 0.01µA).
- Soft-start controlled via the SS pin.
- Do not leave floating.
3. Switching & Feedback Pins (SW, SNS, FB)
️· SW (Switch): Connects to one end of the inductor. Route away from sensitive nodes due to high-speed switching.
1. Overview & Function
️· Device: MIC23153 – A regulator (either fixed output voltage or adjustable output voltage).
️· Type: Switch mode regulator
️· Function: Provides regulated output voltage, reducing inrush current.
2. Input/Enable (VIN & EN)
️· VIN (Input Voltage): 2.7V to 5.5V. Requires a minimum 2.2µF input capacitor close to VIN and PGND. Input capacitor must be rated for at least 6.3V.
️· EN (Enable):
- Logic High: Activates output voltage.
- Logic Low: Deactivates output (current drops to 0.01µA).
- Soft-start controlled via the SS pin.
- Do not leave floating.
3. Switching & Feedback Pins (SW, SNS, FB)
️· SW (Switch): Connects to one end of the inductor. Route away from sensitive nodes due to high-speed switching.
| Part No. | MIC23153 |
| Manufacturer | MICREL |
| Size | 792 Kbytes |
| Pages | 18 pages |
| Description | 4MHz PWM 2A Buck Regulator with HyperLight Load??and Power Good |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |