| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CEFB201-G_12 Datasheet
# Example questions:
➢ What is the typical weight of a single rectifier, and what material is the case constructed from?
➢ What test equipment characteristics are recommended when measuring the reverse recovery time?
➢ What is the maximum repetitive peak reverse voltage that the cefb205-g rectifier can withstand?
# SMD Efficient Fast Recovery Rectifiers (CEFB201-G Thru. CEFB205-G)
## General Features
· Reverse Voltage: 50 to 600 Volts
· Forward Current: 2.0 Amp
· RoHS Compliant
· Ideal for surface mount applications
· Easy pick and place
· Plastic package with 94V-0 flammability rating
· Super fast recovery time
· Built-in strain relief
· Low forward voltage drop
## Mechanical Data
· Case: JEDEC DO-214AA, molded plastic
· Terminals: Solderable per MIL-STD-750, method 2026
· Polarity: Color band denotes cathode end
· Approximate Weight: 0.093 grams
## Electrical Characteristics & Ratings
· Max. repetitive peak reverse voltage: 50 to 600 Volts
· Max. DC blocking voltage: 50 to 600 Volts
· Max. RMS voltage: 35 to 420 Volts
· Max. surge forward current: 100 to 140 Amps
· Max. average forward current: 2.0 Amps
· Max. instantaneous forward voltage at 2.0A: 5.0 Volts
· Reverse recovery time: 25 to 150 ns
· Max. DC reverse current at 25°C: 15 μA
· Max. thermal resistance: 50 to 75 °C/W
· Max. operating junction temperature: 150 °C
· Storage temperature: -55 to +150 °C
## Test Circuit Notes
· Rise time = 7ns max., input impedance = 1 MΩ, 22pF (Oscilliscope)
· Rise time = 10ns max., input impedance = 50Ω (Generator)
# SMD Efficient Fast Recovery Rectifiers (CEFB201-G Thru. CEFB205-G)
## General Features
· Reverse Voltage: 50 to 600 Volts
· Forward Current: 2.0 Amp
· RoHS Compliant
· Ideal for surface mount applications
· Easy pick and place
· Plastic package with 94V-0 flammability rating
· Super fast recovery time
· Built-in strain relief
· Low forward voltage drop
## Mechanical Data
· Case: JEDEC DO-214AA, molded plastic
· Terminals: Solderable per MIL-STD-750, method 2026
· Polarity: Color band denotes cathode end
· Approximate Weight: 0.093 grams
## Electrical Characteristics & Ratings
· Max. repetitive peak reverse voltage: 50 to 600 Volts
· Max. DC blocking voltage: 50 to 600 Volts
· Max. RMS voltage: 35 to 420 Volts
· Max. surge forward current: 100 to 140 Amps
· Max. average forward current: 2.0 Amps
· Max. instantaneous forward voltage at 2.0A: 5.0 Volts
· Reverse recovery time: 25 to 150 ns
· Max. DC reverse current at 25°C: 15 μA
· Max. thermal resistance: 50 to 75 °C/W
· Max. operating junction temperature: 150 °C
· Storage temperature: -55 to +150 °C
## Test Circuit Notes
· Rise time = 7ns max., input impedance = 1 MΩ, 22pF (Oscilliscope)
· Rise time = 10ns max., input impedance = 50Ω (Generator)
| Part No. | CEFB201-G_12 |
| Manufacturer | COMCHIP |
| Size | 63 Kbytes |
| Pages | 2 pages |
| Description | SMD Efficient Fast Recovery Rectifiers |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |