| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CFRA101-G Datasheet
# Example questions:
➢ What is the approximate weight of a single rectifier, and what material is the case made of?
➢ What is the maximum average forward current that the cfra101-g can handle at an ambient temperature as depicted in figure 6?
➢ What is the maximum repetitive peak reverse voltage that the cfra107-g rectifier can withstand?
# SMD Fast Recovery Rectifiers (CFRA101-G Thru. CFRA107-G)
## General Description
· Voltage: 50 to 1000 Volts
· Current: 1.0 Amp
· RoHS compliant
## Features
· Designed for surface mount applications
· Easy pick and place capability
· Plastic package with 94V-0 flammability rating
· Fast recovery time (150-500nS)
· Low leakage current
## Mechanical Data
· Case: JEDEC DO-214AC, molded plastic
· Terminals: Solderable per MIL-STD-750, method 2026
· Polarity: Identified by color band
· Approximate weight: 0.063 grams
## Maximum Ratings & Electrical Characteristics
· VRRM: 50 to 1000 Volts (depending on model)
· VDC: 50 to 1000 Volts (depending on model)
· VRMS: 35 to 1000 Volts (depending on model)
· IFSM: 10 to 1000 Amps (depending on model)
· IO: 1 to 100 μA (depending on model)
· VF: 0.4 to 1.3 Volts (depending on model)
· Trr: 150 to 500 nS
· IR: 1 to 100 μA (depending on model)
· RθJA: Thermal resistance from junction to ambient
· TJ: Maximum operating junction temperature
· TSTG: Storage temperature range: -55 to +150 °C
## Operating Conditions
· Single phase, half wave, 60Hz
# SMD Fast Recovery Rectifiers (CFRA101-G Thru. CFRA107-G)
## General Description
· Voltage: 50 to 1000 Volts
· Current: 1.0 Amp
· RoHS compliant
## Features
· Designed for surface mount applications
· Easy pick and place capability
· Plastic package with 94V-0 flammability rating
· Fast recovery time (150-500nS)
· Low leakage current
## Mechanical Data
· Case: JEDEC DO-214AC, molded plastic
· Terminals: Solderable per MIL-STD-750, method 2026
· Polarity: Identified by color band
· Approximate weight: 0.063 grams
## Maximum Ratings & Electrical Characteristics
· VRRM: 50 to 1000 Volts (depending on model)
· VDC: 50 to 1000 Volts (depending on model)
· VRMS: 35 to 1000 Volts (depending on model)
· IFSM: 10 to 1000 Amps (depending on model)
· IO: 1 to 100 μA (depending on model)
· VF: 0.4 to 1.3 Volts (depending on model)
· Trr: 150 to 500 nS
· IR: 1 to 100 μA (depending on model)
· RθJA: Thermal resistance from junction to ambient
· TJ: Maximum operating junction temperature
· TSTG: Storage temperature range: -55 to +150 °C
## Operating Conditions
· Single phase, half wave, 60Hz
| Part No. | CFRA101-G |
| Manufacturer | COMCHIP |
| Size | 63 Kbytes |
| Pages | 2 pages |
| Description | SMD Fast Recovery Rectifiers |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |