Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

PE9644 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about PE9644 Datasheet

  • # Example questions: ➢ What is the length of this adapter in both inches and millimeters?
    ➢ What is the maximum vswr of this 92mm adapter?
    ➢ What materials are used for the inner conductor plating of both connectors?

  • Part No.PE9644
    ManufacturerPASTERNACK
    Size249 Kbytes
    Pages3 pages
    DescriptionPrecision 2.92mm Male to 2.92mm Female Right Angle Adapter
    Datasheet Summary with AI

    # Precision 2.92mm Adapter - PE9644

    ## Technical Specifications
    · Configuration: 2.92mm Male to 2.92mm Female, Right Angle
    · Impedance: 50 Ohms
    · Frequency Range: DC to 40 GHz
    · VSWR: 1.4:1

    ## Mechanical Dimensions
    · Length: 0.673 in [17.09 mm]
    · Width/Diameter: 0.312 in [7.92 mm]
    · Height: 0.626 in [15.9 mm]
    · Hex Size (Connector 1): 5/16 in
    · Torque (Connector 1): 8 in-lbs [0.9 Nm]

    ## Materials & Plating
    · Inner Conductor: Beryllium Copper with Gold Plating (MIL-G-45204, Type II, Grade C, Class 1)
    · Body & Coupling Nut: Passivated Stainless Steel (ASTM-A-967)
    · Dielectric: Noryl

    ## Compliance
    · RoHS: Compliant

    ## Additional Information
    · Part Number: PE9644
    · Availability: 99%
    · URL: [http://www.pasternack.com/2.92mm-male-2.92mm-female-right-angle-adapter-pe9644-p.aspx](http://www.pasternack.com/2.92mm-male-2.92mm-female-right-angle-adapter-pe9644-p.aspx)

    # Precision 2.92mm Adapter - PE9644

    ## Technical Specifications
    · Configuration: 2.92mm Male to 2.92mm Female, Right Angle
    · Impedance: 50 Ohms
    · Frequency Range: DC to 40 GHz
    · VSWR: 1.4:1

    ## Mechanical Dimensions
    · Length: 0.673 in [17.09 mm]
    · Width/Diameter: 0.312 in [7.92 mm]
    · Height: 0.626 in [15.9 mm]
    · Hex Size (Connector 1): 5/16 in
    · Torque (Connector 1): 8 in-lbs [0.9 Nm]

    ## Materials & Plating
    · Inner Conductor: Beryllium Copper with Gold Plating (MIL-G-45204, Type II, Grade C, Class 1)
    · Body & Coupling Nut: Passivated Stainless Steel (ASTM-A-967)
    · Dielectric: Noryl

    ## Compliance
    · RoHS: Compliant

    ## Additional Information
    · Part Number: PE9644
    · Availability: 99%
    · URL: [http://www.pasternack.com/2.92mm-male-2.92mm-female-right-angle-adapter-pe9644-p.aspx](http://www.pasternack.com/2.92mm-male-2.92mm-female-right-angle-adapter-pe9644-p.aspx)

    Part No.PE9644
    ManufacturerPASTERNACK
    Size249 Kbytes
    Pages3 pages
    DescriptionPrecision 2.92mm Male to 2.92mm Female Right Angle Adapter
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com