Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M24C04-BN6 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about M24C04-BN6 Datasheet

  • # Example questions: ➢ The text mentions a 7-bit device select code. what is used to set the value of the least significant bits of this code?
    ➢ What precaution must be taken when handling eeprom dice delivered in wafer form or in wlcsp packages, and why?
    ➢ What happens if the write control (wc) input is driven high during a write operation?

  • Part No.M24C04-BN6
    ManufacturerSTMICROELECTRONICS
    Size453 Kbytes
    Pages38 pages
    Description16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
    Datasheet Summary with AI

    Okay, here's a summary of the provided text, focusing on the key information about the M24C16, M24C08, M24C04, M24C02, and M24C01 EEPROM devices:

    Key Features & Overview:

    ️· EEPROM: These are electrically erasable programmable read-only memory devices.
    ️· Organization: Available in different sizes: 2048 x 8, 1024 x 8, 512 x 8, 256 x 8, and 128 x 8 bits.
    ️· Interface: Uses a 2-wire I²C serial interface (SDA and SCL).
    ️· Device Type Identifier: Includes a 4-bit Device Type Identifier (1010) for I²C compatibility.
    ️· Slave Device: Operates as a slave in the I²C protocol.

    Signal Descriptions:

    ️· SCL (Serial Clock): Input signal for synchronizing data transfer. Requires a pull-up resistor.
    ️· SDA (Serial Data): Bidirectional data line. Requires a pull-up resistor.
    ️· E0, E1, E2 (Chip Enable): Inputs used to define the device select code. Can be tied to VCC or VSS. If left floating, they're read as low (0).
    ️· WC (Write Control): Input used to disable write operations for data protection. Can be tied to VCC or VSS. If left floating, writes are enabled.

    Important Considerations:

    ️· UV Sensitivity: Devices in wafer form or WLCSP packaging are sensitive to ultraviolet (UV) light, which can cause data loss.

    ️· Pull-up Resistors: Required on both SDA and SCL lines.
    ️· Device Select Code: Determined by the state of the E0, E1, and E2 inputs.



    In essence, the document provides a high-level overview of these EEPROM devices, focusing on their key features, signal descriptions, and important considerations for their implementation.

    Key Features & Overview:

    ️· EEPROM: These are electrically erasable programmable read-only memory devices.
    ️· Organization: Available in different sizes: 2048 x 8, 1024 x 8, 512 x 8, 256 x 8, and 128 x 8 bits.
    ️· Interface: Uses a 2-wire I²C serial interface (SDA and SCL).
    ️· Device Type Identifier: Includes a 4-bit Device Type Identifier (1010) for I²C compatibility.
    ️· Slave Device: Operates as a slave in the I²C protocol.

    Signal Descriptions:

    ️· SCL (Serial Clock): Input signal for synchronizing data transfer. Requires a pull-up resistor.
    ️· SDA (Serial Data): Bidirectional data line. Requires a pull-up resistor.
    ️· E0, E1, E2 (Chip Enable): Inputs used to define the device select code. Can be tied to VCC or VSS. If left floating, they're read as low (0).
    ️· WC (Write Control): Input used to disable write operations for data protection. Can be tied to VCC or VSS. If left floating, writes are enabled.

    Important Considerations:

    ️· UV Sensitivity: Devices in wafer form or WLCSP packaging are sensitive to ultraviolet (UV) light, which can cause data loss.
    ️· Pull-up Resistors: Required on both SDA and SCL lines.
    ️· Device Select Code: Determined by the state of the E0, E1, and E2 inputs.



    In essence, the document provides a high-level overview of these EEPROM devices, focusing on their key features, signal descriptions, and important considerations for their implementation.

    Part No.M24C04-BN6
    ManufacturerSTMICROELECTRONICS
    Size453 Kbytes
    Pages38 pages
    Description16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com