Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Details
Part No.LM393D
MfrTI1
Size1Mb
Pages26 pages
DescriptionDUAL DIFFERENTIAL COMPARATORS
Datasheet SummaryAI
# LM193/LM293/LM393 Series Dual Comparators

## Overview
These devices are dual voltage comparators designed to operate from a single or dual power supply. They feature a wide range of supply voltages and low input bias current.

## Key Features
️· Supply Voltage: 2V to 36V
️· Low Input Bias Current: 25nA (Typ) (LM193)
️· Low Input Offset Current: 3nA (Typ) (LM193)
️· Common-Mode Input Range: Includes Ground
️· Differential Input Range: Equal to Maximum Rated Supply Voltage (±36V)
️· Output Compatibility: TTL, MOS, CMOS

## Electrical Characteristics (at 5V unless noted)
️· Input Offset Voltage: 2mV (Typ - LM193)
️· Input Bias Current: -25nA to -100nA (LM193)
️· Supply Current: 0.8mA to 1mA (at 5V)
️· Large-Signal Differential Voltage Amplification: 50V/mV (Typ)

## Ordering Information
Various package options are available, including:
️· PDIP
️· SOIC
️· TSSOP
️· MSOP/VSSOP
️· CDIP
️· LCCC

## Temperature Ranges
️· LM193: -55°C to 125°C
️· LM293/LM393: -25°C to 85°C
️· LM393A: 0°C to 70°C
️· LM2903: -40°C to 125°C
LM393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about LM393D Datasheet.
    Example questions: ➤ What is the typical input offset voltage (vio) for the lm293 at 25°c?➤ What happens if the voltage at either input goes negative by more than 0.3v?➤ What is the maximum common-mode input voltage range for both the inverting and non-inverting inputs, as stated in the 'full range' specifications?
  • Datasheet Details
    Part No.LM393D
    ManufacturerTI1
    Size1Mb
    Pages26 pages
    DescriptionDUAL DIFFERENTIAL COMPARATORS
    Datasheet Summary AI Expand summary
    # LM193/LM293/LM393 Series Dual Comparators

    ## Overview
    These devices are dual voltage comparators designed to operate from a single or dual power supply. They feature a wide range of supply voltages and low input bias current.

    ## Key Features
    ️· Supply Voltage: 2V to 36V
    ️· Low Input Bias Current: 25nA (Typ) (LM193)
    ️· Low Input Offset Current: 3nA (Typ) (LM193)
    ️· Common-Mode Input Range: Includes Ground
    ️· Differential Input Range: Equal to Maximum Rated Supply Voltage (±36V)
    ️· Output Compatibility: TTL, MOS, CMOS

    ## Electrical Characteristics (at 5V unless noted)
    ️· Input Offset Voltage: 2mV (Typ - LM193)
    ️· Input Bias Current: -25nA to -100nA (LM193)
    ️· Supply Current: 0.8mA to 1mA (at 5V)
    ️· Large-Signal Differential Voltage Amplification: 50V/mV (Typ)

    ## Ordering Information
    Various package options are available, including:
    ️· PDIP
    ️· SOIC
    ️· TSSOP
    ️· MSOP/VSSOP
    ️· CDIP
    ️· LCCC

    ## Temperature Ranges
    ️· LM193: -55°C to 125°C
    ️· LM293/LM393: -25°C to 85°C
    ️· LM393A: 0°C to 70°C
    ️· LM2903: -40°C to 125°C