| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 54LS32J Datasheet
# Example questions:
➢ What is the propagation delay range for the described components?
➢ Under what conditions are national semiconductor products authorized for use in life support devices?
➢ What are the primary contact details (website, phone, email) provided for texas instruments' european operations?
# 54LS32, DM54LS32, DM74LS32 Quad 2-Input OR Gates
## General Description
This device contains four independent gates, each performing the logic OR function.
## Features
️· Available in Military/Aerospace versions (54LS32).
## Electrical Characteristics
️· Supply Voltage (VCC): 4.5V to 5.5V (DM54LS32), 4.75V to 5.25V (DM74LS32)
️· Input High Voltage (VIH): 2V
️· Output High Voltage (VOH): 2.5V - 3.4V (DM54), 2.7V - 3.4V (DM74)
️· Output Low Voltage (VOL): 0.25V - 0.4V (DM54), 0.35V - 0.5V (DM74)
## Switching Characteristics (at VCC = 5V)
️· Propagation Delay Time (tPLH, tPHL): 3-15ns (depending on load and input conditions)
## Absolute Maximum Ratings
️· Supply Voltage: 7V
️· Input Voltage: 7V
️· Operating Temperature: -55°C to 125°C (DM54LS/54LS), 0°C to 70°C (DM74LS)
## Package Options
️· Ceramic Leadless Chip Carrier (E)
️· Ceramic Dual-In-Line Package (J)
️· Small Outline Molded Package (M)
️· Molded Dual-In-Line Package (N)
️· Ceramic Flat Package (W)
## Life Support Policy
️· Not authorized for use as critical components in life support devices/systems without express written approval.
# 54LS32, DM54LS32, DM74LS32 Quad 2-Input OR Gates
## General Description
This device contains four independent gates, each performing the logic OR function.
## Features
️· Available in Military/Aerospace versions (54LS32).
## Electrical Characteristics
️· Supply Voltage (VCC): 4.5V to 5.5V (DM54LS32), 4.75V to 5.25V (DM74LS32)
️· Input High Voltage (VIH): 2V
️· Output High Voltage (VOH): 2.5V - 3.4V (DM54), 2.7V - 3.4V (DM74)
️· Output Low Voltage (VOL): 0.25V - 0.4V (DM54), 0.35V - 0.5V (DM74)
## Switching Characteristics (at VCC = 5V)
️· Propagation Delay Time (tPLH, tPHL): 3-15ns (depending on load and input conditions)
## Absolute Maximum Ratings
️· Supply Voltage: 7V
️· Input Voltage: 7V
️· Operating Temperature: -55°C to 125°C (DM54LS/54LS), 0°C to 70°C (DM74LS)
## Package Options
️· Ceramic Leadless Chip Carrier (E)
️· Ceramic Dual-In-Line Package (J)
️· Small Outline Molded Package (M)
️· Molded Dual-In-Line Package (N)
️· Ceramic Flat Package (W)
## Life Support Policy
️· Not authorized for use as critical components in life support devices/systems without express written approval.
| Part No. | 54LS32J |
| Manufacturer | TI |
| Size | 333 Kbytes |
| Pages | 8 pages |
| Description | 54LS32 DM54LS32 DM74LS32 Quad 2-Input OR Gates |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |