| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CD4070BM96G4 Datasheet
# Example questions:
➢ What does 'nrnd' signify in terms of a product's lifecycle?
➢ What is the reel diameter for devices packaged in the soic (d) package?
➢ Referring to the mechanical data section, what standard does the pw package fall under according to jedec?
# CD4070B, CD4077B CMOS Quad Exclusive-OR and Exclusive-NOR Gate
## Features
️· High-Voltage Types (20V Rating)
️· CD4070B - Quad Exclusive-OR Gate
️· CD4077B - Quad Exclusive-NOR Gate
️· Medium Speed Operation (tPHL, tPLH = 65ns typ at VDD = 10V, CL = 50pF)
️· 100% Tested for Quiescent Current at 20V
️· Standardized Symmetrical Output Characteristics
️· 5V, 10V, and 15V Parametric Ratings
️· Maximum Input Current of 1µA at 18V
️· Meets JEDEC Standard No. 13B
## Applications
️· Logical Comparators
️· Adders/Subtractors
️· Parity Generators and Checkers
## Description
The Harris CD4070B contains four independent Exclusive-OR gates. The Harris CD4077B contains four independent Exclusive-NOR gates. These provide a direct implementation of the Exclusive-OR and Exclusive-NOR functions, respectively.
## Absolute Maximum Ratings
️· DC Supply Voltage (VDD): -0.5V to 20V
️· Input Voltage: -0.5V to VDD + 0.5V
️· DC Input Current: ±10mA
## Operating Conditions
️· Temperature Range (TA): -55°C to 125°C
️· Supply Voltage (Typical): 3V to 18V
## Electrical Specifications
️· Quiescent Device Current (IDD): Varies with VDD and temperature.
️· Output Low (Sink) Current (IOL): Varies with VDD and temperature.
️· Output High (Source) Current (IOH): Varies with VDD and temperature.
️· Output Voltage: VOL and VOH values specified.
️· Input Voltage: VIL and VIH values specified.
## AC Electrical Specifications
️· Propagation Delay Time (tPHL, tPLH): Varies with VDD and CL.
️· Transition Time (tTHL, tTLH): Varies with VDD and CL.
️· Input Capacitance (CIN): 5pF (typical).
## Package Options
️· PDIP, CERDIP, SOIC, SOP, TSSOP available.
️· Various tape and reel options available.
## Ordering Information
| Part Number | Temperature Range (°C) | Package |
|---|---|---|
| CD4070BE | -55 to 125 | 14 Ld PDIP |
| CD4070BF3A | -55 to 125 | 14 Ld CERDIP |
| CD4070BM | -55 to 125 | 14 Ld SOIC |
| CD4070BMT | -55 to 125 | 14 Ld SOIC |
| CD4070BM96 | -55 to 125 | 14 Ld SOIC |
| CD4070BNSR | -55 to 125 | 14 Ld SOP |
| CD4070BPW | -55 to 125 | 14 Ld TSSOP |
| CD4070BPWR | -55 to 125 | 14 Ld TSSOP |
| CD4077BE | -55 to 125 | 14 Ld PDIP |
| CD4077BF3A | -55 to 125 | 14 Ld CERDIP |
| CD4077BM | -55 to 125 | 14 Ld SOIC |
| CD4077BMT | -55 to 125 | 14 Ld SOIC |
| CD4077BM96 | -55 to 125 | 14 Ld SOIC |
| CD4077BNSR | -55 to 125 | 14 Ld SOP |
| CD4077BPW | -55 to 125 | 14 Ld TSSOP |
| CD4077BPWR | -55 to 125 | 14 Ld TSSOP |
# CD4070B, CD4077B CMOS Quad Exclusive-OR and Exclusive-NOR Gate
## Features
️· High-Voltage Types (20V Rating)
️· CD4070B - Quad Exclusive-OR Gate
️· CD4077B - Quad Exclusive-NOR Gate
️· Medium Speed Operation (tPHL, tPLH = 65ns typ at VDD = 10V, CL = 50pF)
️· 100% Tested for Quiescent Current at 20V
️· Standardized Symmetrical Output Characteristics
️· 5V, 10V, and 15V Parametric Ratings
️· Maximum Input Current of 1µA at 18V
️· Meets JEDEC Standard No. 13B
## Applications
️· Logical Comparators
️· Adders/Subtractors
️· Parity Generators and Checkers
## Description
The Harris CD4070B contains four independent Exclusive-OR gates. The Harris CD4077B contains four independent Exclusive-NOR gates. These provide a direct implementation of the Exclusive-OR and Exclusive-NOR functions, respectively.
## Absolute Maximum Ratings
️· DC Supply Voltage (VDD): -0.5V to 20V
️· Input Voltage: -0.5V to VDD + 0.5V
️· DC Input Current: ±10mA
## Operating Conditions
️· Temperature Range (TA): -55°C to 125°C
️· Supply Voltage (Typical): 3V to 18V
## Electrical Specifications
️· Quiescent Device Current (IDD): Varies with VDD and temperature.
️· Output Low (Sink) Current (IOL): Varies with VDD and temperature.
️· Output High (Source) Current (IOH): Varies with VDD and temperature.
️· Output Voltage: VOL and VOH values specified.
️· Input Voltage: VIL and VIH values specified.
## AC Electrical Specifications
️· Propagation Delay Time (tPHL, tPLH): Varies with VDD and CL.
️· Transition Time (tTHL, tTLH): Varies with VDD and CL.
️· Input Capacitance (CIN): 5pF (typical).
## Package Options
️· PDIP, CERDIP, SOIC, SOP, TSSOP available.
️· Various tape and reel options available.
## Ordering Information
| Part Number | Temperature Range (°C) | Package |
|---|---|---|
| CD4070BE | -55 to 125 | 14 Ld PDIP |
| CD4070BF3A | -55 to 125 | 14 Ld CERDIP |
| CD4070BM | -55 to 125 | 14 Ld SOIC |
| CD4070BMT | -55 to 125 | 14 Ld SOIC |
| CD4070BM96 | -55 to 125 | 14 Ld SOIC |
| CD4070BNSR | -55 to 125 | 14 Ld SOP |
| CD4070BPW | -55 to 125 | 14 Ld TSSOP |
| CD4070BPWR | -55 to 125 | 14 Ld TSSOP |
| CD4077BE | -55 to 125 | 14 Ld PDIP |
| CD4077BF3A | -55 to 125 | 14 Ld CERDIP |
| CD4077BM | -55 to 125 | 14 Ld SOIC |
| CD4077BMT | -55 to 125 | 14 Ld SOIC |
| CD4077BM96 | -55 to 125 | 14 Ld SOIC |
| CD4077BNSR | -55 to 125 | 14 Ld SOP |
| CD4077BPW | -55 to 125 | 14 Ld TSSOP |
| CD4077BPWR | -55 to 125 | 14 Ld TSSOP |
| Part No. | CD4070BM96G4 |
| Manufacturer | TI |
| Size | 1Mb |
| Pages | 30 pages |
| Description | CMOS Quad Exclusive-OR and Exclusive-NOR Gate |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |