| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SN54LS151J Datasheet
# Example questions:
➢ What is the typical output low voltage (vol) for both the 54 and 74 series when iol = 4.0 ma?
➢ What package types are mentioned in the document for the sn54/74ls151?
➢ What are the guaranteed operating temperature ranges for the 54 series and 74 series devices?
Okay, let's break down the information contained in the provided text. This appears to be a datasheet for the Motorola SN54/74LS151, an 8-to-1 Data Selector/Multiplexer.
1. Overview & Function:
️· Device Type: 8-to-1 Data Selector/Multiplexer. This means it can choose one of eight data inputs and route it to a single output. The selection is controlled by four select lines (S0-S3). It also functions as an 8-to-1 Multiplexer.
2. Key Features & Characteristics:
️· Logic Function: Selects one of eight data inputs (D0-D7) and passes it to the output (Y), based on the four select inputs (S0-S3).
️· Dual Functionality: Can also be used as an 8-to-1 Multiplexer.
️· Supply Voltage: VCC can range from 4.5V to 5.5V (54 version) or 4.75V to 5.25V (74 version).
️· Operating Temperature Range: -55°C to 125°C (54 version) or 0°C to 70°C (74 version).
️· Standard & Extended Supply Voltage: Available for both standard and extended supply voltage versions.
3. Electrical Characteristics:
️· Input Voltages: Defined Input HIGH (VIH) and Input LOW (VIL) voltage levels.
️· Output Voltages: Defined Output HIGH (VOH) and Output LOW (VOL) voltage levels.
️· Input Currents: Input HIGH current (IIH) and Input LOW current (IIL).
️· Propagation Delay: Specifies how long it takes for the output to respond to a change in the inputs (select lines or data lines). Propagations delays vary based on voltage and capacitance.
️· Power Supply Current (ICC): Indicates the current drawn from the supply voltage.
4. Package Information:
️· Three package options are listed: SO-16 (Surface Mount), DIP-16 (Ceramic Dual In-Line), and a variant with 'J' suffix.
5. Important Legal Disclaimers:
️· Motorola (now part of On Semiconductor) reserves the right to make changes to the specifications.
️· There are disclaimers related to liability, including a very specific warning against using the device in life-sustaining applications. This is a standard precaution in datasheets.
In essence, this is a comprehensive technical description of the SN54/74LS151, intended for electrical engineers and technicians who need to understand its operation and electrical properties for use in circuit design.
1. Overview & Function:
️· Device Type: 8-to-1 Data Selector/Multiplexer. This means it can choose one of eight data inputs and route it to a single output. The selection is controlled by four select lines (S0-S3). It also functions as an 8-to-1 Multiplexer.
2. Key Features & Characteristics:
️· Logic Function: Selects one of eight data inputs (D0-D7) and passes it to the output (Y), based on the four select inputs (S0-S3).
️· Dual Functionality: Can also be used as an 8-to-1 Multiplexer.
️· Supply Voltage: VCC can range from 4.5V to 5.5V (54 version) or 4.75V to 5.25V (74 version).
️· Operating Temperature Range: -55°C to 125°C (54 version) or 0°C to 70°C (74 version).
️· Standard & Extended Supply Voltage: Available for both standard and extended supply voltage versions.
3. Electrical Characteristics:
️· Input Voltages: Defined Input HIGH (VIH) and Input LOW (VIL) voltage levels.
️· Output Voltages: Defined Output HIGH (VOH) and Output LOW (VOL) voltage levels.
️· Input Currents: Input HIGH current (IIH) and Input LOW current (IIL).
️· Propagation Delay: Specifies how long it takes for the output to respond to a change in the inputs (select lines or data lines). Propagations delays vary based on voltage and capacitance.
️· Power Supply Current (ICC): Indicates the current drawn from the supply voltage.
4. Package Information:
️· Three package options are listed: SO-16 (Surface Mount), DIP-16 (Ceramic Dual In-Line), and a variant with 'J' suffix.
5. Important Legal Disclaimers:
️· Motorola (now part of On Semiconductor) reserves the right to make changes to the specifications.
️· There are disclaimers related to liability, including a very specific warning against using the device in life-sustaining applications. This is a standard precaution in datasheets.
In essence, this is a comprehensive technical description of the SN54/74LS151, intended for electrical engineers and technicians who need to understand its operation and electrical properties for use in circuit design.
| Part No. | SN54LS151J |
| Manufacturer | MOTOROLA |
| Size | 174 Kbytes |
| Pages | 5 pages |
| Description | 8-INPUT MULTIPLEXER |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |