| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BA157 Datasheet
# Example questions:
➢ What is the recommended operating and storage temperature range for these rectifiers?
➢ What is the maximum reverse voltage that the ba158 rectifier can withstand?
➢ What test conditions are used to determine the reverse recovery time?
# BA157/BA158/BA159 - Fast Recovery Rectifiers
## General Features
️· 1.0 Ampere, 400-1000 Volt
️· Fast Recovery
️· Low forward voltage drop
️· High current capability
️· High reliability
️· High surge current capability
️· UL 94V-0 flame retardant epoxy
️· DO-41 Package
## Electrical Characteristics (Typical Values)
| Parameter | BA157 | BA158 | BA159 | Units |
| ----------------------------- | ----- | ----- | ----- | ----- |
| Maximum Recurrent Peak Reverse Voltage | 400 | 600 | 1000 | V |
| Maximum RMS Voltage | 280 | 420 | 700 | V |
| Maximum DC Blocking Voltage | 400 | 600 | 1000 | V |
| Maximum Average Forward Rectified Current | 1.0 | 1.0 | 1.0 | A |
| Lead Length (at Ta=75°C) | 0.375" | 0.375" | 0.375" | in |
| Peak Forward Surge Current | 100 | 100 | 100 | A |
| Operating and Storage Temperature Range | -65 to +150 | -65 to +150 | -65 to +150 | °C |
## Mechanical Details
️· Package: DO-41
️· Dimensions (inches): 1.0 x 1.0 x 0.375"
️· Lead Length: 0.375"
## Notes
️· For capacitive loads, derate current by 20%.
️· Reverse Recovery Time test condition: IF=0.5A, IR=1.0A, IRR=0.25A
️· Measured at 1MHz and applied reverse voltage of 4.0V D.C.
# BA157/BA158/BA159 - Fast Recovery Rectifiers
## General Features
️· 1.0 Ampere, 400-1000 Volt
️· Fast Recovery
️· Low forward voltage drop
️· High current capability
️· High reliability
️· High surge current capability
️· UL 94V-0 flame retardant epoxy
️· DO-41 Package
## Electrical Characteristics (Typical Values)
| Parameter | BA157 | BA158 | BA159 | Units |
|---|---|---|---|---|
| Maximum Recurrent Peak Reverse Voltage | 400 | 600 | 1000 | V |
| Maximum RMS Voltage | 280 | 420 | 700 | V |
| Maximum DC Blocking Voltage | 400 | 600 | 1000 | V |
| Maximum Average Forward Rectified Current | 1.0 | 1.0 | 1.0 | A |
| Lead Length (at Ta=75°C) | 0.375" | 0.375" | 0.375" | in |
| Peak Forward Surge Current | 100 | 100 | 100 | A |
| Operating and Storage Temperature Range | -65 to +150 | -65 to +150 | -65 to +150 | °C |
| Part No. | BA157 |
| Manufacturer | BYTES |
| Size | 152 Kbytes |
| Pages | 2 pages |
| Description | 1.0 AMP FAST RECOVERY RECTIFIERS |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |