Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.SN74LS393D
MfrMOTOROLA
Size193 Kbytes
Pages7 pages
DescriptionDUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
Datasheet SummaryAI
1. Overview & Functionality:

️· What they are: These are synchronous decade counters. They count in binary from 0 to 10 (decimal), then reset to 0.
️· LS390 vs. LS393:
- LS390: Is a single decade counter.
- LS393: Is a dual decade counter (two counters in a single package, they function independently).
️· Synchronous Counting: They change state on the rising edge of the clock pulse.
️· Key Inputs:
- CP (Clock Input): The clock pulse drives the counting operation.
- CP0: (LS390 only) – A second clock input for cascade counting.
- CP1: (LS390 & 393) - A second clock input for cascading or other functions.
- MR (Master Reset): Asynchronously resets the counter to 0.
- TO (Terminal Output): Indicates when the count reaches 10 (decimal). It goes high for one clock cycle.

2. Electrical Characteristics:

️· Supply Voltage (VCC): Typically 5V.
️· Input Voltages: Specific voltage ranges are required for logic HIGH and LOW.
️· Output Voltages: VOH (High-level output voltage) and VOL (Low-level output voltage) are defined based on supply voltage and load conditions.
️· Input Currents: Limits on input currents (IIH, IIL) are specified.
️· Power Supply Current (ICC): A maximum value is given for the current drawn from the supply.
️· Short Circuit Currents: Limits are provided for the currents that can flow if an output is shorted to ground or VCC.

3. AC Characteristics (Timing):

️· Maximum Clock Frequency: Limits are given for the maximum frequency of the clock signal. LS393 has a slightly higher max frequency.
️· Propagation Delays: Indicate how long it takes for a signal to propagate from input to output (CP to Q0, CP0 to Q0, etc.).
️· Pulse Width Requirements: The minimum width of the clock pulses (tW) to ensure proper operation.
️· Recovery Time: Time needed after reset to ensure proper counting.

4. Physical Characteristics & Packaging:

️· Package Types: These counters are available in:
- 16-Pin Plastic SOIC
- 16-Pin Plastic DIP (Dual In-Line Package)
- 16-Pin Ceramic DIP
️· Suffix Codes: These indicate the package type and temperature range (e.g., "N" suffix).

5. Important Notes & Warnings:

️· Application Limitations: A significant warning emphasizes that these devices are *not* suitable for life-sustaining or critical applications where failure could cause injury or death. Motorola disclaims liability for such uses.
️· Short Circuit Precautions: If any output is shorted, it should be done for a short time only.
️· Typical Parameters: "Typical" values can vary in different applications, so they need to be validated.
SN74LS393D Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about SN74LS393D Datasheet.
    Example questions: ➤ What is the minimum clock pulse width (tw) required for the cp1 input of the ls390?➤ What is the primary difference between the ls390 and ls393 in terms of maximum clock frequency for cp0 to q0?➤ What is the maximum short circuit current (ios) that can be applied to an output?
  • Datasheet Details
    Part No.SN74LS393D
    ManufacturerMOTOROLA
    Size193 Kbytes
    Pages7 pages
    DescriptionDUAL DECADE COUNTER; DUAL 4-STAGE BINARY COUNTER
    Datasheet Summary AI Expand summary
    1. Overview & Functionality:

    ️· What they are: These are synchronous decade counters. They count in binary from 0 to 10 (decimal), then reset to 0.
    ️· LS390 vs. LS393:
    - LS390: Is a single decade counter.
    - LS393: Is a dual decade counter (two counters in a single package, they function independently).
    ️· Synchronous Counting: They change state on the rising edge of the clock pulse.
    ️· Key Inputs:
    - CP (Clock Input): The clock pulse drives the counting operation.
    - CP0: (LS390 only) – A second clock input for cascade counting.
    - CP1: (LS390 & 393) - A second clock input for cascading or other functions.
    - MR (Master Reset): Asynchronously resets the counter to 0.
    - TO (Terminal Output): Indicates when the count reaches 10 (decimal). It goes high for one clock cycle.

    2. Electrical Characteristics:

    ️· Supply Voltage (VCC): Typically 5V.
    ️· Input Voltages: Specific voltage ranges are required for logic HIGH and LOW.
    ️· Output Voltages: VOH (High-level output voltage) and VOL (Low-level output voltage) are defined based on supply voltage and load conditions.
    ️· Input Currents: Limits on input currents (IIH, IIL) are specified.
    ️· Power Supply Current (ICC): A maximum value is given for the current drawn from the supply.
    ️· Short Circuit Currents: Limits are provided for the currents that can flow if an output is shorted to ground or VCC.

    3. AC Characteristics (Timing):

    ️· Maximum Clock Frequency: Limits are given for the maximum frequency of the clock signal. LS393 has a slightly higher max frequency.
    ️· Propagation Delays: Indicate how long it takes for a signal to propagate from input to output (CP to Q0, CP0 to Q0, etc.).
    ️· Pulse Width Requirements: The minimum width of the clock pulses (tW) to ensure proper operation.
    ️· Recovery Time: Time needed after reset to ensure proper counting.

    4. Physical Characteristics & Packaging:

    ️· Package Types: These counters are available in:
    - 16-Pin Plastic SOIC
    - 16-Pin Plastic DIP (Dual In-Line Package)
    - 16-Pin Ceramic DIP
    ️· Suffix Codes: These indicate the package type and temperature range (e.g., "N" suffix).

    5. Important Notes & Warnings:

    ️· Application Limitations: A significant warning emphasizes that these devices are *not* suitable for life-sustaining or critical applications where failure could cause injury or death. Motorola disclaims liability for such uses.
    ️· Short Circuit Precautions: If any output is shorted, it should be done for a short time only.
    ️· Typical Parameters: "Typical" values can vary in different applications, so they need to be validated.