Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.CDLL3033B
MfrCDI-DIODE
Size23 Kbytes
Pages2 pages
Description1 WATT ZENER DIODES
Datasheet SummaryAI
1. Device Overview

️· Devices Covered: This datasheet covers a range of Zener diodes:
- 1N3016UR-1 through 1N3045UR-1
- CDLL3016B through CDLL3045B
️· Type: Zener Diodes
️· Package: DO-213AB (MELF, LL41) - This indicates a surface mount package type.
️· Lead Finish: Tin / Lead

2. Key Electrical Characteristics (from the table)

️· CDLL3016B:
- Zener Voltage: 6.5V (+5% = 6.8V)
- Operating Current (Iz): 0.31A
- Thermal Resistance (RθJA): 50°C/W
️· CDLL3024B:
- Zener Voltage: 15V
- Operating Current (Iz): 0.17A
- Thermal Resistance (RθJA): 50°C/W
️· CDLL3045B:
- Zener Voltage: 110V (+5% = 115.5V)
- Operating Current (Iz): 0.23 A

3. Key Design Data

️· Polarity: The banded end of the diode should be positive.
️· Thermal Resistance (RθJA): 50 °C/W maximum (junction to ambient)
️· Thermal Impedance (RθJC): 15 °C/W maximum (junction to case)
️· Coefficient of Thermal Expansion (COE): Approximately +6PPM/°C – This is important for choosing a compatible mounting surface.

4. Physical Dimensions (in millimeters and inches)

Dimension Min (mm) Max (mm) Min (inch) Max (inch)
D 2.39 5.56 0.094 0.217
F 5.56 5.56 0.217 0.217
G 4.80 5.20 0.189 0.205
G1 4.11 (Ref) 4.11 (Ref) 0.159 (Ref) 0.159 (Ref)
S 0.03 0.03 0.001 0.001

5. Important Considerations/Notes

️· Suffix Significance: "A" suffix indicates a +10% variation in Zener voltage. "B" suffix indicates a +5% variation. "C" suffix indicates a +2% variation.
️· Thermal Management: Proper mounting and heat sinking are critical for these devices due to the relatively high thermal resistance.
️· Mounting Surface: Choose a mounting surface with a compatible Coefficient of Thermal Expansion to prevent stress and failure.
️· Power Derating Curve: The Power Derating Curve in Figure 2 demonstrates how maximum power dissipation decreases with increasing junction temperature.
CDLL3033B Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about CDLL3033B Datasheet.
    Example questions: ➤ What is the typical zener impedance test current used to derive the values listed?➤ What percentage variation from the nominal voltage can be expected for a device with the 'a' suffix?➤ What case style is used for the cdll3016 through cdll3045b devices, and what material is used for the lead finish?
  • Datasheet Details
    Part No.CDLL3033B
    ManufacturerCDI-DIODE
    Size23 Kbytes
    Pages2 pages
    Description1 WATT ZENER DIODES
    Datasheet Summary AI Expand summary
    1. Device Overview

    ️· Devices Covered: This datasheet covers a range of Zener diodes:
    - 1N3016UR-1 through 1N3045UR-1
    - CDLL3016B through CDLL3045B
    ️· Type: Zener Diodes
    ️· Package: DO-213AB (MELF, LL41) - This indicates a surface mount package type.
    ️· Lead Finish: Tin / Lead

    2. Key Electrical Characteristics (from the table)

    ️· CDLL3016B:
    - Zener Voltage: 6.5V (+5% = 6.8V)
    - Operating Current (Iz): 0.31A
    - Thermal Resistance (RθJA): 50°C/W
    ️· CDLL3024B:
    - Zener Voltage: 15V
    - Operating Current (Iz): 0.17A
    - Thermal Resistance (RθJA): 50°C/W
    ️· CDLL3045B:
    - Zener Voltage: 110V (+5% = 115.5V)
    - Operating Current (Iz): 0.23 A

    3. Key Design Data

    ️· Polarity: The banded end of the diode should be positive.
    ️· Thermal Resistance (RθJA): 50 °C/W maximum (junction to ambient)
    ️· Thermal Impedance (RθJC): 15 °C/W maximum (junction to case)
    ️· Coefficient of Thermal Expansion (COE): Approximately +6PPM/°C – This is important for choosing a compatible mounting surface.

    4. Physical Dimensions (in millimeters and inches)

    Dimension Min (mm) Max (mm) Min (inch) Max (inch)
    D 2.39 5.56 0.094 0.217
    F 5.56 5.56 0.217 0.217
    G 4.80 5.20 0.189 0.205
    G1 4.11 (Ref) 4.11 (Ref) 0.159 (Ref) 0.159 (Ref)
    S 0.03 0.03 0.001 0.001

    5. Important Considerations/Notes

    ️· Suffix Significance: "A" suffix indicates a +10% variation in Zener voltage. "B" suffix indicates a +5% variation. "C" suffix indicates a +2% variation.
    ️· Thermal Management: Proper mounting and heat sinking are critical for these devices due to the relatively high thermal resistance.
    ️· Mounting Surface: Choose a mounting surface with a compatible Coefficient of Thermal Expansion to prevent stress and failure.
    ️· Power Derating Curve: The Power Derating Curve in Figure 2 demonstrates how maximum power dissipation decreases with increasing junction temperature.