| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about POM-2245L-C33-R Datasheet
# Example questions:
➢ What is the minimum signal-to-noise ratio that can be expected from this microphone?
➢ What is the standard operating voltage for optimal performance of this microphone?
➢ What is the maximum allowable current draw for this microphone?
# Microphone POM-2245L-C33-R
## Specifications
️· Directivity: Omni
️· Sensitivity: -45 ± 4 dB
️· Standard Operating Voltage: 2 Vdc
️· Max Operating Voltage: 10 Vdc
️· Current Consumption (Max): 0.5 mA
️· Impedance: 2.2 kOhm
️· Signal to Noise Ratio (Min.): 55 dB
️· Internal Capacitor: 33 pF
## Dimensions & Tolerances
️· Dimensions are in millimeters.
️· Tolerances: ±0.5mm, Angles: ±3°
## Revision History
️· 11/29/2012: Released from Engineering
️· 8/6/2013: Revised to Inventor 3-D drawing template (Approved by B.R.)
## Compliance
️· RoHS 2011/65/EU compliant.
## Terminal Information
️· Solder Pads
️· Term 1: (+)
️· Term 2: (-)
# Microphone POM-2245L-C33-R
## Specifications
️· Directivity: Omni
️· Sensitivity: -45 ± 4 dB
️· Standard Operating Voltage: 2 Vdc
️· Max Operating Voltage: 10 Vdc
️· Current Consumption (Max): 0.5 mA
️· Impedance: 2.2 kOhm
️· Signal to Noise Ratio (Min.): 55 dB
️· Internal Capacitor: 33 pF
## Dimensions & Tolerances
️· Dimensions are in millimeters.
️· Tolerances: ±0.5mm, Angles: ±3°
## Revision History
️· 11/29/2012: Released from Engineering
️· 8/6/2013: Revised to Inventor 3-D drawing template (Approved by B.R.)
## Compliance
️· RoHS 2011/65/EU compliant.
## Terminal Information
️· Solder Pads
️· Term 1: (+)
️· Term 2: (-)
| Part No. | POM-2245L-C33-R |
| Manufacturer | PUI |
| Size | 285 Kbytes |
| Pages | 1 page |
| Description | REVISED TO INVENTOR 3-D DRAWING TEMPLATE |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |