| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SMS2020 Datasheet
# Example questions:
➢ What is the typical value for the gate-source threshold voltage (vgs(th)) based on the provided datasheet?
➢ What are the thermal resistance values from junction-to-ambient and junction-to-case, and under what conditions are these values specified?
➢ What is the maximum drain current (id) that the sms2020 mosfet can handle?
Device: N-Channel MOSFET (SMS2020)
Key Characteristics:
️· Voltage: 20V
️· Current: 830mA
Electrical Characteristics (Static - TA = 25°C):
️· Drain-Source Breakdown Voltage (VDS(breakdown)): Not explicitly stated, but implied to be >20V.
️· Gate-Source Threshold Voltage (VGS(th)): 0.45 - 0.85 V
️· Drain-Source On-Resistance (RDS(on)):
- @ VGS = 4.5V, ID = 0.55A: ~310 Ohms (max)
- @ VGS = 2.5V, ID = 0.35A: ~460 Ohms (max)
️· Forward Transconductance (gFS): ~2 S (Siemens)
️· Zero Gate Voltage Drain Current (IDSS): <1 µA
️· Gate-Source Leakage Current (IGSS): ±5 µA
️· Diode Forward Voltage (VSD): 0.5 - 1.5 V @ IS = 350mA
Dynamic Characteristics:
️· Turn-on Delay Time (Td(on)): ~22 ns
️· Rise Time (Tr): ~80 ns
️· Turn-off Delay Time (Td(off)): ~700 ns
️· Fall Time (Tf): ~380 ns
Thermal Characteristics:
️· Junction-to-Ambient Thermal Resistance (RθJA):
- Surface Mounted (1 sq inch pad): 320-385 °C/W
- Surface Mounted (min pad): 360-420 °C/W
️· Junction-to-Case Thermal Resistance (RθJC): 260-300 °C/W
Important Notes:
️· The document specifies that any changes in specifications will not be individually communicated.
️· The datasheet includes characteristic curves (graphs) illustrating the MOSFET’s behavior under different conditions.
Revision: Rev. B, dated 21-May-2013.
Device: N-Channel MOSFET (SMS2020)
Key Characteristics:
️· Voltage: 20V
️· Current: 830mA
Electrical Characteristics (Static - TA = 25°C):
️· Drain-Source Breakdown Voltage (VDS(breakdown)): Not explicitly stated, but implied to be >20V.
️· Gate-Source Threshold Voltage (VGS(th)): 0.45 - 0.85 V
️· Drain-Source On-Resistance (RDS(on)):
- @ VGS = 4.5V, ID = 0.55A: ~310 Ohms (max)
- @ VGS = 2.5V, ID = 0.35A: ~460 Ohms (max)
️· Forward Transconductance (gFS): ~2 S (Siemens)
️· Zero Gate Voltage Drain Current (IDSS): <1 µA
️· Gate-Source Leakage Current (IGSS): ±5 µA
️· Diode Forward Voltage (VSD): 0.5 - 1.5 V @ IS = 350mA
Dynamic Characteristics:
️· Turn-on Delay Time (Td(on)): ~22 ns
️· Rise Time (Tr): ~80 ns
️· Turn-off Delay Time (Td(off)): ~700 ns
️· Fall Time (Tf): ~380 ns
Thermal Characteristics:
️· Junction-to-Ambient Thermal Resistance (RθJA):
- Surface Mounted (1 sq inch pad): 320-385 °C/W
- Surface Mounted (min pad): 360-420 °C/W
️· Junction-to-Case Thermal Resistance (RθJC): 260-300 °C/W
Important Notes:
️· The document specifies that any changes in specifications will not be individually communicated.
️· The datasheet includes characteristic curves (graphs) illustrating the MOSFET’s behavior under different conditions.
Revision: Rev. B, dated 21-May-2013.
| Part No. | SMS2020 |
| Manufacturer | SECOS |
| Size | 554 Kbytes |
| Pages | 4 pages |
| Description | N-Channel MOSFET |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |