| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about BLF242 Datasheet
# Example questions:
➢ What type of package is the blf242 transistor housed in, according to the 'package outline' section?
➢ What is the maximum drain-source voltage (vds)?
➢ What is the typical drain current (id) value, as indicated in the 'quick reference data' section?
# BLF242 HF/VHF Power MOS Transistor
## Features
· High power gain
· Low noise
· Easy power control
· Good thermal stability
· Withstands full load mismatch
· Gold metallization for reliability
## Description
· Silicon N-channel enhancement mode vertical D-MOS transistor
· Designed for professional transmitter applications in the HF/VHF frequency range
· Encapsulated in a 4-lead SOT123 flange envelope
## Pin Configuration
· Pin 1: Drain
· Pin 2: Source
· Pin 3: Gate
· Pin 4: Source
## Quick Reference Data
· VDS: 28V
· GP: -13 dB (typ. 16 dB)
· PL: 5W
· ID: 50% (typ. 60%)
· Mode of Operation: CW, Class-B
· Frequency: 175 MHz
## Warnings & Cautions
· Contains beryllium oxide - handle with care and dispose properly
· Device is supplied in an antistatic package.
## Limiting Values
· VDS: 65V
· ±VGS: 20V
· ID: 1A
· Plot: 16W
· Tstg: -65°C
· Tj: 200°C
## Thermal Resistance
· Rthj-mb: 11 K/W
· Rth mb-h: 0.3 K/W
## Characteristics (at 25°C unless otherwise specified)
· V(BR)DSS:
· IDSS:
· IGSS:
· Vcs(th):
· 9fs:
· Ros(on):
· IDSX:
· C is:
· Cos:
· C rs:
· T.C.:
## Package Outline (SOT123A)
· Flanged ceramic package with 2 mounting holes and 4 leads
· Dimensions available in mm and inches.
# BLF242 HF/VHF Power MOS Transistor
## Features
· High power gain
· Low noise
· Easy power control
· Good thermal stability
· Withstands full load mismatch
· Gold metallization for reliability
## Description
· Silicon N-channel enhancement mode vertical D-MOS transistor
· Designed for professional transmitter applications in the HF/VHF frequency range
· Encapsulated in a 4-lead SOT123 flange envelope
## Pin Configuration
· Pin 1: Drain
· Pin 2: Source
· Pin 3: Gate
· Pin 4: Source
## Quick Reference Data
· VDS: 28V
· GP: -13 dB (typ. 16 dB)
· PL: 5W
· ID: 50% (typ. 60%)
· Mode of Operation: CW, Class-B
· Frequency: 175 MHz
## Warnings & Cautions
· Contains beryllium oxide - handle with care and dispose properly
· Device is supplied in an antistatic package.
## Limiting Values
· VDS: 65V
· ±VGS: 20V
· ID: 1A
· Plot: 16W
· Tstg: -65°C
· Tj: 200°C
## Thermal Resistance
· Rthj-mb: 11 K/W
· Rth mb-h: 0.3 K/W
## Characteristics (at 25°C unless otherwise specified)
· V(BR)DSS:
· IDSS:
· IGSS:
· Vcs(th):
· 9fs:
· Ros(on):
· IDSX:
· C is:
· Cos:
· C rs:
· T.C.:
## Package Outline (SOT123A)
· Flanged ceramic package with 2 mounting holes and 4 leads
· Dimensions available in mm and inches.
| Part No. | BLF242 |
| Manufacturer | NJSEMI |
| Size | 147 Kbytes |
| Pages | 4 pages |
| Description | HF/VHF power MOS transistor |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |