| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RA0066C Datasheet
# Example questions:
➢ What is the peak inverse voltage range available for the sdad103 series?
➢ Which screening levels are available for these devices, and where can detailed screening flows be found?
➢ How does the case temperature (tc) affect the average dc output current for typical operation?
# SDAD103 Series High Voltage Rectifier
## Features
️· Stackable up to 600kV+
️· Peak Inverse Voltage (PIV): 2.5kV to 15kV
️· Standard Reverse Recovery Time
️· Void-free, hermetically sealed diode cells
️· Controlled avalanche
️· Modular design for easy stacking
️· Operating/Storage Temperature: -65°C to +150°C
️· Available in Fast, Ultra Fast, and Hyper Fast versions
️· Screening options: TX, TXV, S-Level
️· Direct replacement for Microsemi/Unitrode UGE-2.5 through UGB-10 and 1N5603
## Electrical Characteristics (Example - See Datasheet for Full Table)
️· SDAD103E2.5 (2.5kV): 6.6A avg DC current, 5000ns recovery time, 5.0V forward voltage drop, 10uA leakage current
️· SDAD103E5.0 (5.0kV): 5.0A avg DC current, 5000ns recovery time, 10V forward voltage drop, 15uA leakage current
️· SDAD103H Series (High Current): Up to 12.2A avg DC current (2.5kV version)
## Package & Operating Conditions
️· Package size: 3 inches diameter
️· Tc = 50°C (typical in oil)
️· Tc = 75°C (ambient Ta = 25°C, unheatsunk)
️· Tc = 60°C (with extender plates in air)
## Ordering & Notes
️· Contact factory for pricing, curves, availability.
️· Screening available based on MIL-PRF-19500.
️· All specifications subject to change.
️· Data Sheet #: RA0066C DOC.
️· SCD review required by SSDI prior to release.
# SDAD103 Series High Voltage Rectifier
## Features
️· Stackable up to 600kV+
️· Peak Inverse Voltage (PIV): 2.5kV to 15kV
️· Standard Reverse Recovery Time
️· Void-free, hermetically sealed diode cells
️· Controlled avalanche
️· Modular design for easy stacking
️· Operating/Storage Temperature: -65°C to +150°C
️· Available in Fast, Ultra Fast, and Hyper Fast versions
️· Screening options: TX, TXV, S-Level
️· Direct replacement for Microsemi/Unitrode UGE-2.5 through UGB-10 and 1N5603
## Electrical Characteristics (Example - See Datasheet for Full Table)
️· SDAD103E2.5 (2.5kV): 6.6A avg DC current, 5000ns recovery time, 5.0V forward voltage drop, 10uA leakage current
️· SDAD103E5.0 (5.0kV): 5.0A avg DC current, 5000ns recovery time, 10V forward voltage drop, 15uA leakage current
️· SDAD103H Series (High Current): Up to 12.2A avg DC current (2.5kV version)
## Package & Operating Conditions
️· Package size: 3 inches diameter
️· Tc = 50°C (typical in oil)
️· Tc = 75°C (ambient Ta = 25°C, unheatsunk)
️· Tc = 60°C (with extender plates in air)
## Ordering & Notes
️· Contact factory for pricing, curves, availability.
️· Screening available based on MIL-PRF-19500.
️· All specifications subject to change.
️· Data Sheet #: RA0066C DOC.
️· SCD review required by SSDI prior to release.
| Part No. | RA0066C |
| Manufacturer | SSDI |
| Size | 80 Kbytes |
| Pages | 1 page |
| Description | STACKABLE HIGH VOLTAGE RECTIFIER |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |