| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about RA0102B Datasheet
# Example questions:
➢ How does the reverse recovery time vary across the different part numbers listed in the electrical characteristics table?
➢ What screening levels are available for these devices, and where can i find more information about the screening flows?
➢ What is the maximum average dc output current for the sdad101m10hf at a case temperature of 75ºc?
# SDAD101M2.5HF thru SDAD101M13HF
## Overview
️· Type: Stackable High Voltage Rectifier
️· Reverse Recovery Time: 30 nsec
️· Voltage Range: 2,500 to 13,000 Volts
## Features
️· Stackable to 600 kV+
️· PIV: 2.5 kV to 13 kV
️· Hermetically Sealed Internal Discretes
️· Controlled Avalanche Rated
️· Modular Design for Easy Stacking
️· Operating Temperature: -65°C to +150°C
️· Available in Standard, Fast & Ultra Fast versions
️· TX, TXV, and S-Level Screening Available
## Electrical Characteristics (at 25°C unless otherwise noted)
️· Part Numbers: SDAD101M2.5HF, SDAD101M5.0HF, SDAD101M7.5HF, SDAD101M10HF, SDAD101M13HF
️· Average DC Output Current (Tc = 75°C): 0.56A to 1.0A (varies by part number)
️· Maximum Forward Voltage Drop (Vf): 8.0V to 34.0V (varies by part number)
️· Maximum Leakage Current (Ir) @ PIV: 250uA
️· Surge Non-Repetitive Maximum Forward Voltage Drop: 25
## Operating Conditions
️· Tc = 50°C: Typical operation in oil
️· Tc = 75°C: Typical ambient Ta = 25°C
## Screening Options
️· Based on MIL-PRF-19500
️· Screening flows available on request.
## Notes
️· All specifications are subject to change.
️· Contact factory for ordering information, pricing, curves, and availability.
️· SCD's require SSDI review prior to release.
️· Data Sheet #: RA0102B DOC.
# SDAD101M2.5HF thru SDAD101M13HF
## Overview
️· Type: Stackable High Voltage Rectifier
️· Reverse Recovery Time: 30 nsec
️· Voltage Range: 2,500 to 13,000 Volts
## Features
️· Stackable to 600 kV+
️· PIV: 2.5 kV to 13 kV
️· Hermetically Sealed Internal Discretes
️· Controlled Avalanche Rated
️· Modular Design for Easy Stacking
️· Operating Temperature: -65°C to +150°C
️· Available in Standard, Fast & Ultra Fast versions
️· TX, TXV, and S-Level Screening Available
## Electrical Characteristics (at 25°C unless otherwise noted)
️· Part Numbers: SDAD101M2.5HF, SDAD101M5.0HF, SDAD101M7.5HF, SDAD101M10HF, SDAD101M13HF
️· Average DC Output Current (Tc = 75°C): 0.56A to 1.0A (varies by part number)
️· Maximum Forward Voltage Drop (Vf): 8.0V to 34.0V (varies by part number)
️· Maximum Leakage Current (Ir) @ PIV: 250uA
️· Surge Non-Repetitive Maximum Forward Voltage Drop: 25
## Operating Conditions
️· Tc = 50°C: Typical operation in oil
️· Tc = 75°C: Typical ambient Ta = 25°C
## Screening Options
️· Based on MIL-PRF-19500
️· Screening flows available on request.
## Notes
️· All specifications are subject to change.
️· Contact factory for ordering information, pricing, curves, and availability.
️· SCD's require SSDI review prior to release.
️· Data Sheet #: RA0102B DOC.
| Part No. | RA0102B |
| Manufacturer | SSDI |
| Size | 72 Kbytes |
| Pages | 1 page |
| Description | STACKABLE HIGH VOLTAGE RECTIFIER |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |