| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CD54AC164 Datasheet
# Example questions:
➢ What is the purpose of pin 7 and pin 14 on this device?
➢ What is the recommended supply voltage range for cd54ac types?
➢ What operating temperature range is specified for package type f?
# CD54AC164/3A & CD54ACT164/3A - 8-Bit Serial-In/Parallel-Out Shift Registers
## Description
️· 8-bit serial-in/parallel-out shift registers utilizing Harris Advanced CMOS Logic technology.
️· Includes asynchronous reset.
️· Data shifted on the positive edge of the clock (CP).
️· Two Serial Data inputs (DS1 and DS2) which can also be used as Data Enable controls.
️· Supplied in 14-lead dual-in-line ceramic packages (F suffix).
## Features
️· Positive-edge clock triggering.
️· Asynchronous reset functionality (MR pin resets the register and outputs to LOW).
## Absolute Maximum Ratings
️· DC Supply Voltage (VCC): -0.5V to +6V
️· Operating Temperature Range: -55°C to +125°C
️· Storage Temperature: -65°C to +150°C
️· Power Dissipation: Up to 500mW (depending on temperature range)
## Recommended Operating Conditions
️· Supply Voltage Range:
- CD54AC Types: 1.5V to 5.5V
- CD54ACT Types: 4.5V to 5.5V
️· Operating Temperature Range: -55°C to +125°C
## Input/Output Characteristics
️· Input Rise and Fall Slew Rate:
- AC Types (1.5V to 3V): 0ns/V to 50ns/V
- AC Types (3.6V to 5.5V): 0ns/V to 20ns/V
- AC Types (4.5V to 5.5V): 0ns/V to 10ns/V
️· Input/Output Voltage: 0V to VCC
## Electrical Specifications
️· ACT Input Load:
- DS1, DS2: 0.5
- MR: 0.74
- CP: 0.71
# CD54AC164/3A & CD54ACT164/3A - 8-Bit Serial-In/Parallel-Out Shift Registers
## Description
️· 8-bit serial-in/parallel-out shift registers utilizing Harris Advanced CMOS Logic technology.
️· Includes asynchronous reset.
️· Data shifted on the positive edge of the clock (CP).
️· Two Serial Data inputs (DS1 and DS2) which can also be used as Data Enable controls.
️· Supplied in 14-lead dual-in-line ceramic packages (F suffix).
## Features
️· Positive-edge clock triggering.
️· Asynchronous reset functionality (MR pin resets the register and outputs to LOW).
## Absolute Maximum Ratings
️· DC Supply Voltage (VCC): -0.5V to +6V
️· Operating Temperature Range: -55°C to +125°C
️· Storage Temperature: -65°C to +150°C
️· Power Dissipation: Up to 500mW (depending on temperature range)
## Recommended Operating Conditions
️· Supply Voltage Range:
- CD54AC Types: 1.5V to 5.5V
- CD54ACT Types: 4.5V to 5.5V
️· Operating Temperature Range: -55°C to +125°C
## Input/Output Characteristics
️· Input Rise and Fall Slew Rate:
- AC Types (1.5V to 3V): 0ns/V to 50ns/V
- AC Types (3.6V to 5.5V): 0ns/V to 20ns/V
- AC Types (4.5V to 5.5V): 0ns/V to 10ns/V
️· Input/Output Voltage: 0V to VCC
## Electrical Specifications
️· ACT Input Load:
- DS1, DS2: 0.5
- MR: 0.74
- CP: 0.71
| Part No. | CD54AC164 |
| Manufacturer | INTERSIL |
| Size | 9 Kbytes |
| Pages | 1 page |
| Description | 8-Bit Serial-In/Parallel-Out Shift Registers |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |