| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2SC2883-Y Datasheet
# Example questions:
➢ What is the maximum collector current (ic) that the 2sc2883 can handle under typical operating conditions?
➢ What is the typical range of dc current gain (hfe) for the 2sc2883-y transistor?
➢ What is the difference in maximum power dissipation for the 2sc2883 when mounted on a ceramic substrate versus without a heatsink?
# 2SC2883 NPN Transistor
## Features
· Suitable for output stage of 3-watt amplifier
· Small flat package
· PC = 1.0 to 2.0 W (mounted on ceramic substrate)
· Complementary to 2SA1203
## Absolute Maximum Ratings (Ta = 25℃)
· VCBO (Collector - Base Voltage): 30 V
· VCEO (Collector - Emitter Voltage): 30 V
· VEBO (Emitter - Base Voltage): 5 V
· IC (Collector Current): 1.5 A
· IB (Base Current): 0.3 A
· PC (Collector Power Dissipation): 500 mW (or 1W without heatsink)
· Junction Temperature: 150°C
## Electrical Characteristics
· hFE (DC Current Gain): 100-320
· VCE(sat) (Collector-Emitter Saturation Voltage): 2 V
· VBE (Base-Emitter Voltage): 1 V
## Classification
· Range: 100-200 (Type 2SC283-O) or 160-320 (Type 2SC283-Y)
## Typical Characteristics
· Collector-Emitter Voltage vs. Collector Current
· Base-Emitter Voltage vs. Collector Current
## Safe Operating Area
## Notes
· For detailed specifications, refer to the datasheet.
# 2SC2883 NPN Transistor
## Features
· Suitable for output stage of 3-watt amplifier
· Small flat package
· PC = 1.0 to 2.0 W (mounted on ceramic substrate)
· Complementary to 2SA1203
## Absolute Maximum Ratings (Ta = 25℃)
· VCBO (Collector - Base Voltage): 30 V
· VCEO (Collector - Emitter Voltage): 30 V
· VEBO (Emitter - Base Voltage): 5 V
· IC (Collector Current): 1.5 A
· IB (Base Current): 0.3 A
· PC (Collector Power Dissipation): 500 mW (or 1W without heatsink)
· Junction Temperature: 150°C
## Electrical Characteristics
· hFE (DC Current Gain): 100-320
· VCE(sat) (Collector-Emitter Saturation Voltage): 2 V
· VBE (Base-Emitter Voltage): 1 V
## Classification
· Range: 100-200 (Type 2SC283-O) or 160-320 (Type 2SC283-Y)
## Typical Characteristics
· Collector-Emitter Voltage vs. Collector Current
· Base-Emitter Voltage vs. Collector Current
## Safe Operating Area
## Notes
· For detailed specifications, refer to the datasheet.
| Part No. | 2SC2883-Y |
| Manufacturer | KEXIN |
| Size | 976 Kbytes |
| Pages | 2 pages |
| Description | NPN Transistors |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |