| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE45134 Datasheet
# Example questions:
➢ How does the plating material of the contact affect performance?
➢ What is the operating voltage limit for this connector?
➢ What is the maximum frequency this connector is rated for?
# SMA Female Bulkhead Mount Connector - PE45134
## Configuration
· Connector Type: SMA Female
· MIL-STD-348A compliant
· Impedance: 50 Ohms
· Body Geometry: Straight
· Interface Type: Thru Hole
· Attachment Method: Crimp/Solder
· Mounting: Bulkhead
## Electrical Specifications
· Frequency Range: DC to 6 GHz
· VSWR: 1.3:1
· Operating Voltage: 500 V rms
## Mechanical Specifications
· Length: 0.896 in [22.76 mm]
· Width/Diameter: 0.374 in [9.50 mm]
· Weight: 0.041 lbs [18.6 g]
## Material Specifications
· Contact: Beryllium Copper with 50µ in. minimum Gold plating
· Insulation: Teflon
· Outer Conductor: Brass with 3µ in. minimum Gold plating
· Body: Brass with 3µ in. minimum Nickel plating
## Environmental Specifications
· Operating Temperature: -65 to 165 °C
## Compliance
· RoHS Compliant
· REACH Compliant (as of 12/17/2014)
## Additional Information
· IP67 Rated
· Available for same day shipment
· 99% availability
· CAD drawings available (PE45134)
# SMA Female Bulkhead Mount Connector - PE45134
## Configuration
· Connector Type: SMA Female
· MIL-STD-348A compliant
· Impedance: 50 Ohms
· Body Geometry: Straight
· Interface Type: Thru Hole
· Attachment Method: Crimp/Solder
· Mounting: Bulkhead
## Electrical Specifications
· Frequency Range: DC to 6 GHz
· VSWR: 1.3:1
· Operating Voltage: 500 V rms
## Mechanical Specifications
· Length: 0.896 in [22.76 mm]
· Width/Diameter: 0.374 in [9.50 mm]
· Weight: 0.041 lbs [18.6 g]
## Material Specifications
· Contact: Beryllium Copper with 50µ in. minimum Gold plating
· Insulation: Teflon
· Outer Conductor: Brass with 3µ in. minimum Gold plating
· Body: Brass with 3µ in. minimum Nickel plating
## Environmental Specifications
· Operating Temperature: -65 to 165 °C
## Compliance
· RoHS Compliant
· REACH Compliant (as of 12/17/2014)
## Additional Information
· IP67 Rated
· Available for same day shipment
· 99% availability
· CAD drawings available (PE45134)
| Part No. | PE45134 |
| Manufacturer | PASTERNACK |
| Size | 343 Kbytes |
| Pages | 3 pages |
| Description | SMA Female Bulkhead Mount Connector Crimp/ Solder Attachment Thru Hole PCB IP67 Rated |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |