Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

Datasheet with Chat AI
Datasheet Images
Datasheet Details
Part No.PCHC412R8L
MfrALLIED
Size400 Kbytes
Pages1 page
DescriptionSMD High Current Shielded Choke
Datasheet SummaryAI
# SMD High Current Shielded Choke PCHC412R8L

## Features
· Magnetically shielded construction
· Ultra-high saturation current: up to 6.0A
· Low DC resistance
· Expanded operating temperature range
· Suitable for pick and place

## Electrical Specifications
· Inductance Range: 1.0uH (additional values available)
· Tolerance: 20%
· Operating Temperature: -55°C to +125°C
· Test Frequency: 100KHz, 0.5Vdc
· Resistance to Soldering Heat:
- Pre-heat: 150°C for 1 minute
- Solder Composition: Sn/Ag3.0/Cu0.5
- Solder Temperature: 260°C ± 5°C
- Immersion Time: 10 sec. ± 1 sec.
· Saturation Current (Isat): Current at which inductance drops by 30%
· Temperature Rise: Current at which temperature rises by 40°C

## Table: PCHC412R8L-1R0M-RC
· Inductance: 1.0uH
· Tolerance: 20%
· Test Frequency: 100KHz (0.5V)
· DCR (Max/Typ): 35(32) mΩ
· Isat (Max/Typ): 6.0(6.5) A
· Irms (Max/Typ): 4.5(5.0) A

## Test Equipment
· (L): WK 3260B
· DCR: Chen HWA502
· IDC: 3260B WK & DC Bias 3265B WK

## Physical Characteristics
· Packaging: 2000 pieces per 13-inch reel
· Marking: EIA Inductance Code
PCHC412R8L Datasheet with Chat AI
  • AIauthorized
    Hello, Please ask a question about PCHC412R8L Datasheet.
    Example questions: ➤ What is the maximum dc current the pchc412r8l can handle before the inductance drops by 30% from its initial value?➤ What is the specified operating temperature range for this smd choke?➤ What is the solder temperature and composition recommended for this component?
  • Datasheet Details
    Part No.PCHC412R8L
    ManufacturerALLIED
    Size400 Kbytes
    Pages1 page
    DescriptionSMD High Current Shielded Choke
    Datasheet Summary AI Expand summary
    # SMD High Current Shielded Choke PCHC412R8L

    ## Features
    · Magnetically shielded construction
    · Ultra-high saturation current: up to 6.0A
    · Low DC resistance
    · Expanded operating temperature range
    · Suitable for pick and place

    ## Electrical Specifications
    · Inductance Range: 1.0uH (additional values available)
    · Tolerance: 20%
    · Operating Temperature: -55°C to +125°C
    · Test Frequency: 100KHz, 0.5Vdc
    · Resistance to Soldering Heat:
    - Pre-heat: 150°C for 1 minute
    - Solder Composition: Sn/Ag3.0/Cu0.5
    - Solder Temperature: 260°C ± 5°C
    - Immersion Time: 10 sec. ± 1 sec.
    · Saturation Current (Isat): Current at which inductance drops by 30%
    · Temperature Rise: Current at which temperature rises by 40°C

    ## Table: PCHC412R8L-1R0M-RC
    · Inductance: 1.0uH
    · Tolerance: 20%
    · Test Frequency: 100KHz (0.5V)
    · DCR (Max/Typ): 35(32) mΩ
    · Isat (Max/Typ): 6.0(6.5) A
    · Irms (Max/Typ): 4.5(5.0) A

    ## Test Equipment
    · (L): WK 3260B
    · DCR: Chen HWA502
    · IDC: 3260B WK & DC Bias 3265B WK

    ## Physical Characteristics
    · Packaging: 2000 pieces per 13-inch reel
    · Marking: EIA Inductance Code