| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SP522CA Datasheet
# Example questions:
➢ What are the key differences between the pinouts of the 24-pin soic/ssop and the 44-pin qfp packages for the sp522?
➢ ). what is the purpose of these diagrams, and what kind of information do they convey regarding the sp522's operation?
➢ What are the primary communication standards supported by the sp522 transceiver?
Okay, here's a summary of the document you provided, breaking down the key information. This appears to be a datasheet for the SP522 Multi-Mode Serial Transceiver IC.
SP522 Multi-Mode Serial Transceiver - Key Highlights
️· Function: The SP522 is a versatile transceiver designed for various serial communication standards including RS-232, RS-422, and RS-485. It can be configured to support different protocols.
️· Supported Standards: RS-232, RS-422, RS-485, RS-232, RS-423
️· Key Features:
- Multiple communication standards in a single chip
- Driver and receiver circuits
- Various enable/disable controls (e.g., `ENT1`, `ENT2`, `ENR1`, `ENR2`)
- Data pins for transmission and reception (`T1IN`, `T1OUTA`, `T1OUTB`, `R1IN`, `R1OUT`, `T2IN`, `T2OUTA`, `T2OUTB`)
️· Package Options: Available in 24-Pin SOIC/SSOP and 44-Pin QFP packages.
️· Detailed Information: The datasheet provides:
- Pinout diagrams for different package types.
- Absolute maximum ratings.
- Electrical characteristics (voltage levels, current limits).
- Timing diagrams illustrating propagation delays, enable/disable times.
- Test circuit diagrams for measuring parameters.
- Figures showing driver and receiver configurations.
Overall: The document is a technical reference for engineers and designers who need to integrate a flexible serial communication interface into their systems. It provides the necessary specifications and guidelines for proper implementation.
I can provide more detailed information on a specific aspect of this datasheet, if you have a specific question. For example, you could ask me about:
️· A specific pin's function
️· The timing requirements for a particular communication standard
️· The recommended operating conditions
️· A specific diagram.
SP522 Multi-Mode Serial Transceiver - Key Highlights
️· Function: The SP522 is a versatile transceiver designed for various serial communication standards including RS-232, RS-422, and RS-485. It can be configured to support different protocols.
️· Supported Standards: RS-232, RS-422, RS-485, RS-232, RS-423
️· Key Features:
- Multiple communication standards in a single chip
- Driver and receiver circuits
- Various enable/disable controls (e.g., `ENT1`, `ENT2`, `ENR1`, `ENR2`)
- Data pins for transmission and reception (`T1IN`, `T1OUTA`, `T1OUTB`, `R1IN`, `R1OUT`, `T2IN`, `T2OUTA`, `T2OUTB`)
️· Package Options: Available in 24-Pin SOIC/SSOP and 44-Pin QFP packages.
️· Detailed Information: The datasheet provides:
- Pinout diagrams for different package types.
- Absolute maximum ratings.
- Electrical characteristics (voltage levels, current limits).
- Timing diagrams illustrating propagation delays, enable/disable times.
- Test circuit diagrams for measuring parameters.
- Figures showing driver and receiver configurations.
Overall: The document is a technical reference for engineers and designers who need to integrate a flexible serial communication interface into their systems. It provides the necessary specifications and guidelines for proper implementation.
I can provide more detailed information on a specific aspect of this datasheet, if you have a specific question. For example, you could ask me about:
️· A specific pin's function
️· The timing requirements for a particular communication standard
️· The recommended operating conditions
️· A specific diagram.
| Part No. | SP522CA |
| Manufacturer | SIPEX |
| Size | 200 Kbytes |
| Pages | 23 pages |
| Description | Low-Cost Programmable Multi-Protocol Transceivers |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |