| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about SP6134HVLEDEB Datasheet
# Example questions:
➢ What is the recommended input voltage for powering the sp6134hvled evaluation board?
➢ What is the operating current, if, when using the evaluation board for a 5w application?
➢ How does the j1 jumper setting change to accommodate driving a 3w lumiled?
# SP6134HVLED Evaluation Board Summary
## Description
️· Designed for evaluating the SP6134H as a driver for Luxeon 1W, 3W, and 5W LEDs.
️· Fully assembled and tested surface mount board with probe access points.
️· Ideal for 24V bus applications.
️· Features high efficiency, small 10-pin MSOP package, and 600kHz switching frequency.
## Operating Instructions
1. Powering Up:
- Connect 24V power supply to “VIN” and “GND” posts.
- Connect 1W/3W/5W Luxeon LED between “VOUT” and “VFB” posts.
- Configure J1 jumper (see section 2) for desired application.
2. Jumper Configuration (J1):
- No hat: 1W application.
- Hat on 1 & 2: 5W application.
- Hat on 2 & 3: 3W application.
3. Bias Resistor Selection:
- Sets operating current of the LED.
- Formula: Rb = Vfb / If (Vfb = 200mV)
- Values:
■ 1W: Rb = 0.56Ω
■ 5W: Rb = 0.28Ω
■ 3W: Rb = 0.2Ω
## Performance Data
️· Efficiency varies depending on application (see Fig. 1 in original document).
️· Efficiency data provided for 1W, 3W, and 5W applications.
## Ordering Information
️· Model: SP6134HVLEDEB
️· Temperature Range: -40°C to +85°C
️· Package Type: SP6134HVLED Evaluation Board
️· SP6134HEU: 10-pin MSOP (-40°C to +85°C)
## Layout
️· Component Placement (Figure 1)
️· PC Layout - Top Side (Figure 2)
️· PC Layout - Bottom Side (Figure 3)
## Materials
️· List of materials available in Table 1 (original document).
# SP6134HVLED Evaluation Board Summary
## Description
️· Designed for evaluating the SP6134H as a driver for Luxeon 1W, 3W, and 5W LEDs.
️· Fully assembled and tested surface mount board with probe access points.
️· Ideal for 24V bus applications.
️· Features high efficiency, small 10-pin MSOP package, and 600kHz switching frequency.
## Operating Instructions
1. Powering Up:
- Connect 24V power supply to “VIN” and “GND” posts.
- Connect 1W/3W/5W Luxeon LED between “VOUT” and “VFB” posts.
- Configure J1 jumper (see section 2) for desired application.
2. Jumper Configuration (J1):
- No hat: 1W application.
- Hat on 1 & 2: 5W application.
- Hat on 2 & 3: 3W application.
3. Bias Resistor Selection:
- Sets operating current of the LED.
- Formula: Rb = Vfb / If (Vfb = 200mV)
- Values:
■ 1W: Rb = 0.56Ω
■ 5W: Rb = 0.28Ω
■ 3W: Rb = 0.2Ω
## Performance Data
️· Efficiency varies depending on application (see Fig. 1 in original document).
️· Efficiency data provided for 1W, 3W, and 5W applications.
## Ordering Information
️· Model: SP6134HVLEDEB
️· Temperature Range: -40°C to +85°C
️· Package Type: SP6134HVLED Evaluation Board
️· SP6134HEU: 10-pin MSOP (-40°C to +85°C)
## Layout
️· Component Placement (Figure 1)
️· PC Layout - Top Side (Figure 2)
️· PC Layout - Bottom Side (Figure 3)
## Materials
️· List of materials available in Table 1 (original document).
| Part No. | SP6134HVLEDEB |
| Manufacturer | SIPEX |
| Size | 480 Kbytes |
| Pages | 4 pages |
| Description | Evaluation Board Manual |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |