| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about IXFX44N50F Datasheet
# Example questions:
➢ What is the maximum continuous drain current (is) and maximum repetitive pulsed drain current (ism) specified for the source-drain diode?
➢ What is the maximum height (dimension 'a') of the to-247 package in millimeters?
➢ What is the typical gate-source charge (qg) value for this mosfet under the specified test conditions?
Okay, here's a summary of the provided document, broken down into sections:
1. Product Type & Manufacturer:
️· Product: MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor)
️· Manufacturer: IXYS
2. Key Features & Advantages:
️· Fast Switching: Designed for high-frequency applications (capable of switching >500kHz).
️· Low Inductance Package (PLUS 247): Facilitates easy driving and protection.
️· Intrinsic Rectifier: Fast recovery.
️· Applications: DC-DC converters, DC choppers, pulse generation, RF amplifiers, industrial applications.
️· Advantages of PLUS 247 Package: Clip or spring mounting, space saving, high power density.
️· UIS Rated: Rated for Unclamped Inductive Switching.
3. Electrical Characteristics (Highlights - many more details are listed):
️· Voltage & Current Ratings: (Specific values are in the table - needs to be read from the document)
️· Switching Times (td(on), tr, tf, td(off)): Fast switching capabilities.
️· Gate Charge (Qg(on), Qgs, Qgd): Important for drive circuitry.
️· Input Capacitance (Ciss, Coss, Crss):
️· Source-Drain Diode Characteristics (IS, ISM, VSD, trr, QRM, IRM):
4. Package Dimensions:
️· The document includes detailed dimensional information (in both millimeters and inches) for both the PLUS 247 package and the TO-247 package. (The drawing details are complex and are best viewed by examining the figures directly within the document.)
5. Patents:
️· IXYS MOSFETs and IGBTs are covered by several U.S. patents (listed at the bottom of the document).
In essence, this is a datasheet for an IXYS MOSFET, emphasizing its high-frequency capabilities, space-saving package, and suitability for a wide range of power conversion and industrial applications.
1. Product Type & Manufacturer:
️· Product: MOSFET (Metal-Oxide-Semiconductor Field-Effect Transistor)
️· Manufacturer: IXYS
2. Key Features & Advantages:
️· Fast Switching: Designed for high-frequency applications (capable of switching >500kHz).
️· Low Inductance Package (PLUS 247): Facilitates easy driving and protection.
️· Intrinsic Rectifier: Fast recovery.
️· Applications: DC-DC converters, DC choppers, pulse generation, RF amplifiers, industrial applications.
️· Advantages of PLUS 247 Package: Clip or spring mounting, space saving, high power density.
️· UIS Rated: Rated for Unclamped Inductive Switching.
3. Electrical Characteristics (Highlights - many more details are listed):
️· Voltage & Current Ratings: (Specific values are in the table - needs to be read from the document)
️· Switching Times (td(on), tr, tf, td(off)): Fast switching capabilities.
️· Gate Charge (Qg(on), Qgs, Qgd): Important for drive circuitry.
️· Input Capacitance (Ciss, Coss, Crss):
️· Source-Drain Diode Characteristics (IS, ISM, VSD, trr, QRM, IRM):
4. Package Dimensions:
️· The document includes detailed dimensional information (in both millimeters and inches) for both the PLUS 247 package and the TO-247 package. (The drawing details are complex and are best viewed by examining the figures directly within the document.)
5. Patents:
️· IXYS MOSFETs and IGBTs are covered by several U.S. patents (listed at the bottom of the document).
In essence, this is a datasheet for an IXYS MOSFET, emphasizing its high-frequency capabilities, space-saving package, and suitability for a wide range of power conversion and industrial applications.
| Part No. | IXFX44N50F |
| Manufacturer | IXYS |
| Size | 99 Kbytes |
| Pages | 2 pages |
| Description | HiPerRF Power MOSFETs F-Class MegaHertz Switching Single MOSFET Die |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |