| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about HVQL10MT200D Datasheet
# Example questions:
➢ What is the approximate net weight of the hvql10mt200d rectifier?
➢ What is the maximum allowable junction temperature for this hvql10mt200d rectifier?
➢ What type of terminal is built into this rectifier for connections?
# HVQ-816 HVGT High Voltage Bridge Rectifier
## General Description
️· HVGT is a three-phase bridge rectifier.
️· Constructed with a glass passivated chip and epoxy resin sealing.
️· Conforms to RoHS.
️· Manufactured by GETE ELECTRONIC CO.,LTD and GETAI ELECTRONIC DEVICE CO.,LTD.
## Features
️· High reliability design
️· Large current design
️· Power frequency ratio
️· Epoxy resin molded in vacuum with anticorrosion surface
️· Built-in M5 nut terminal
## Applications
️· Ignition device power supply
️· Microwave emission power
️· General purpose high voltage rectifier
## Maximum Ratings
️· Repetitive Peak Reverse Voltage (VRRM): 20 kV
️· Average Output Current (IO): 1.0 A
️· Surge Current (IFSM): 20 A
️· Junction Temperature (TJ): -40°C to +125°C
️· Case Temperature (Tc): 125°C
️· Storage Temperature (TSTG): -40°C to +125°C
## Electrical Characteristics (Ta=25°C unless otherwise specified)
️· Maximum Forward Voltage Drop (VF): 22 V
️· Maximum Reverse Current (IR1): 5.0 uA
️· Maximum Reverse Current (IR2): 50 uA
️· Maximum Reverse Recovery Time (TRR): Data not available
️· Junction Capacitance (CJ): Data not available
## Mechanical Data
️· Case: epoxy resin molding
️· Terminal: built-in M5 nut
️· Net weight: approximately 400 grams
# HVQ-816 HVGT High Voltage Bridge Rectifier
## General Description
️· HVGT is a three-phase bridge rectifier.
️· Constructed with a glass passivated chip and epoxy resin sealing.
️· Conforms to RoHS.
️· Manufactured by GETE ELECTRONIC CO.,LTD and GETAI ELECTRONIC DEVICE CO.,LTD.
## Features
️· High reliability design
️· Large current design
️· Power frequency ratio
️· Epoxy resin molded in vacuum with anticorrosion surface
️· Built-in M5 nut terminal
## Applications
️· Ignition device power supply
️· Microwave emission power
️· General purpose high voltage rectifier
## Maximum Ratings
️· Repetitive Peak Reverse Voltage (VRRM): 20 kV
️· Average Output Current (IO): 1.0 A
️· Surge Current (IFSM): 20 A
️· Junction Temperature (TJ): -40°C to +125°C
️· Case Temperature (Tc): 125°C
️· Storage Temperature (TSTG): -40°C to +125°C
## Electrical Characteristics (Ta=25°C unless otherwise specified)
️· Maximum Forward Voltage Drop (VF): 22 V
️· Maximum Reverse Current (IR1): 5.0 uA
️· Maximum Reverse Current (IR2): 50 uA
️· Maximum Reverse Recovery Time (TRR): Data not available
️· Junction Capacitance (CJ): Data not available
## Mechanical Data
️· Case: epoxy resin molding
️· Terminal: built-in M5 nut
️· Net weight: approximately 400 grams
| Part No. | HVQL10MT200D |
| Manufacturer | GETEDZ |
| Size | 472 Kbytes |
| Pages | 1 page |
| Description | 1.0A 20kV--High Voltage Bridge Rectifier |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |