| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 66140CBI35WPK Datasheet
# Example questions:
➢ What type of base does this lamp use according to the standard designation?
➢ What is the recommended practice regarding the replacement of the xenarc lamp?
➢ What is the nominal voltage and wattage of this xenon headlight lamp?
# XENARC COOL BLUE INTENSE (66140CBI)
## Product Overview
️· Type: Xenon headlight lamp
️· Application: Headlight
️· Benefits:
- Exceptionally bright
- High contrast
- Up to 20% more light than conventional lamps
️· Features:
- Blue effect (no coating)
- Color temperature: Up to 5,500 K
## Technical Specifications
Electrical Data
️· Power input: 35 W
️· Nominal voltage: 85.0 V
️· Nominal wattage: 35.00 W
️· Power input tolerance: ±3 %
️· Test voltage: 13.5 V
Photometrical Data
️· Luminous flux: 3200 lm
️· Luminous flux tolerance: ±15 %
Dimensions & Weight
️· Length: 83.0 mm
️· Diameter: 9 mm
️· Product weight: 60.00 g
Lifespan
️· B3 lifespan: 1800 h
️· Tc lifespan: 2800 h
Base and Certifications
️· Base: PK32d-2
️· ECE category: D1S (requires approved electronic control gear)
## Logistics and Ordering
️· Product Code: 4008321401472
️· Order Reference: 66140CBI 35W PK
️· Minimum Order Quantity: Based on smallest quantity unit (as defined by product code).
️· Packaging: Available in Folding carton box (1 piece), Shipping carton box (10 pieces), and Shipping carton box (80 pieces)
## Important Notes
️· Professional installation recommended.
️· Specifications subject to change.
# XENARC COOL BLUE INTENSE (66140CBI)
## Product Overview
️· Type: Xenon headlight lamp
️· Application: Headlight
️· Benefits:
- Exceptionally bright
- High contrast
- Up to 20% more light than conventional lamps
️· Features:
- Blue effect (no coating)
- Color temperature: Up to 5,500 K
## Technical Specifications
Electrical Data
️· Power input: 35 W
️· Nominal voltage: 85.0 V
️· Nominal wattage: 35.00 W
️· Power input tolerance: ±3 %
️· Test voltage: 13.5 V
Photometrical Data
️· Luminous flux: 3200 lm
️· Luminous flux tolerance: ±15 %
Dimensions & Weight
️· Length: 83.0 mm
️· Diameter: 9 mm
️· Product weight: 60.00 g
Lifespan
️· B3 lifespan: 1800 h
️· Tc lifespan: 2800 h
Base and Certifications
️· Base: PK32d-2
️· ECE category: D1S (requires approved electronic control gear)
## Logistics and Ordering
️· Product Code: 4008321401472
️· Order Reference: 66140CBI 35W PK
️· Minimum Order Quantity: Based on smallest quantity unit (as defined by product code).
️· Packaging: Available in Folding carton box (1 piece), Shipping carton box (10 pieces), and Shipping carton box (80 pieces)
## Important Notes
️· Professional installation recommended.
️· Specifications subject to change.
| Part No. | 66140CBI35WPK |
| Manufacturer | OSRAM |
| Size | 138 Kbytes |
| Pages | 4 pages |
| Description | Blue effect without coating |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |