Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TPD Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TPD Datasheet

  • # Example questions: ➢ What resistance change and maximum temperature are acceptable for the fuse to still be considered functional after high temperature exposure?
    ➢ How is the date code formatted on this product, and what information does it convey?
    ➢ What is the maximum operating temperature of this thermal fuse when no current is flowing?

  • Part No.TPD
    ManufacturerTTELEC
    Size371 Kbytes
    Pages2 pages
    DescriptionOne-Shot Non-Resettable Design
    Datasheet Summary with AI

    # TPD Series High Current Thermal Fuse

    ## Operation Characteristics
    · Fusing Temperature: 235°C ± 15°C
    · Rated Current: 55A at 135°C
    · Operating Temperature: -40°C to 135°C
    · Max Operating Temperature (0A): 175°C
    · Resistance at 25°C: ≤ 0.700mW
    · Lead Diameter: 1.3mm (0.050”)
    · Lead Spacing: 15.2mm (0.600”)
    · One-Shot Non-Resettable Design
    · RoHS Compliant
    · High Temperature DAP Case
    · Rugged Vibration Resistant Potted Construction

    ## Environmental Performance (Testing to MIL-STD-202G standards)
    · High Temperature Exposure: 500hrs at 150°C (20% ∆R & ≤ 0.700mW, Fuse Open ≤ 250°C)
    · Thermal Shock: 300 Cycles -55°C to +165°C (Fuse Open ≤ 250°C)
    · Heavy Load: 60A at 135°C for 24hrs (Fuse Open ≤ 250°C)
    · Moisture/Humidity: Compliant

    · Solderability: >95% Coverage
    · Vibration: 20% ∆R & ≤ 0.700mW
    · Mechanical Shock: 50G for 6ms (20% ∆R & ≤ 0.700mW)
    · Terminal Strength: 20% ∆R & ≤ 0.700mW

    ## Physical Data
    · Dimensional Tolerances: ± 0.010” (0.25mm)
    · Date Code: “YYWW” (Year/Week)
    · Ordering Prefix: TPD - 235C - 55A

    ## Process Recommendations
    · Wave Solder: 10s max contact time, 260°C max, two cycles max
    · Hand Solder: 350°C max tip temperature, 5s max contact time, cooling between terminals permitted.

    ## General Note
    · TT Electronics reserves the right to change product specifications.
    · Product is Pb-free and complies with EU Directive 2011/65/EU (RoHS2).
    · "Open" is defined as resistance ≥ 100kΩ

    # TPD Series High Current Thermal Fuse

    ## Operation Characteristics
    · Fusing Temperature: 235°C ± 15°C
    · Rated Current: 55A at 135°C
    · Operating Temperature: -40°C to 135°C
    · Max Operating Temperature (0A): 175°C
    · Resistance at 25°C: ≤ 0.700mW
    · Lead Diameter: 1.3mm (0.050”)
    · Lead Spacing: 15.2mm (0.600”)
    · One-Shot Non-Resettable Design
    · RoHS Compliant
    · High Temperature DAP Case
    · Rugged Vibration Resistant Potted Construction

    ## Environmental Performance (Testing to MIL-STD-202G standards)
    · High Temperature Exposure: 500hrs at 150°C (20% ∆R & ≤ 0.700mW, Fuse Open ≤ 250°C)
    · Thermal Shock: 300 Cycles -55°C to +165°C (Fuse Open ≤ 250°C)
    · Heavy Load: 60A at 135°C for 24hrs (Fuse Open ≤ 250°C)
    · Moisture/Humidity: Compliant
    · Solderability: >95% Coverage
    · Vibration: 20% ∆R & ≤ 0.700mW
    · Mechanical Shock: 50G for 6ms (20% ∆R & ≤ 0.700mW)
    · Terminal Strength: 20% ∆R & ≤ 0.700mW

    ## Physical Data
    · Dimensional Tolerances: ± 0.010” (0.25mm)
    · Date Code: “YYWW” (Year/Week)
    · Ordering Prefix: TPD - 235C - 55A

    ## Process Recommendations
    · Wave Solder: 10s max contact time, 260°C max, two cycles max
    · Hand Solder: 350°C max tip temperature, 5s max contact time, cooling between terminals permitted.

    ## General Note
    · TT Electronics reserves the right to change product specifications.
    · Product is Pb-free and complies with EU Directive 2011/65/EU (RoHS2).
    · "Open" is defined as resistance ≥ 100kΩ

    Part No.TPD
    ManufacturerTTELEC
    Size371 Kbytes
    Pages2 pages
    DescriptionOne-Shot Non-Resettable Design
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com