Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

IJ0505DA Datasheet with Chat AI
Part No.IJ0505DA
ManufacturerXPPOWER
Size63 Kbytes
Pages1 page
DescriptionSingle Output
Datasheet Summary with AI

# IJ Series 2 Watt DC-DC Converters

## Features

· Single Output
· DIP 16 Package, Industry Standard Pinout
· 6000 VDC Isolation
· Operating Temperature: -40 °C to +85 °C
· MTBF: >3.5 MHrs
· 3 Year Warranty



## Input Specifications

· Input Voltage Range: Nominal ±10%
· Input Reverse Voltage: None
· Protection: None Specified


## Output Specifications

· Output Voltage: See table for options
· Minimum Load: 10%
· Line Regulation: 1.2%/1% ∆ Vin
· Load Regulation: 7.5% max for 10-100% load change
· Setpoint Accuracy: 100-110% of nominal at 10% load
· Ripple & Noise: 200 mV pk-pk 20 MHz bandwidth
· Temperature Coefficient: 0.03%/°C
· Short Circuit Protection: Continuous

## General Specifications

· Efficiency: See table
· Isolation Voltage: 6000 VDC, 1 minute
· Isolation Resistance: 10^9 Ω
· Isolation Capacitance: 10 pF typical
· Switching Frequency: 50 kHz typical at nominal input, full load
· MTBF: >3.5 MHrs to MIL-HDBK-217F at 25 °C, GB

## Environmental Specifications

· Operating Temperature: -40 °C to +85 °C
· Storage Temperature: -55 °C to +125 °C
· Case Temperature: 105 °C max
· Cooling: Convection-cooled
· Lead Temperature: 260 °C, 0.06 in (1.5 mm) from case, 10 s



## Model Options & Performance (Typical)

Input Voltage Output Voltage Output Current Efficiency Model Number
5 VDC 5.0 V 400 mA 76% IJ0505DA
5 VDC 12.0 V 167 mA 79% IJ0512DA
12 VDC 5.0 V 400 mA 76% IJ1205DA
12 VDC 12.0 V 167 mA 80% IJ1212DA
12 VDC 15.0 V 133 mA 79% IJ1215DA
24 VDC 12.0 V 167 mA 80% IJ2412DA



## Mechanical Details

· Dimensions: 0.940 x 0.315 x 0.10 inches (23.86 x 7.50 x 2.54 mm)
· Weight: 0.008 lbs (3.8 g)
· Pin Diameter: 0.024 x 0.010 inches (0.60 x 0.25 mm)
· Pin Tolerance: ±0.004 inches (±0.10 mm)
· Recommended Footprint: 0.1 x 0.1 in (2.54 x 2.54 mm) grid, Diameter: 0.39” (1.0 mm)

## Pin Function

· Pin 1: -Vin
· Pin 7: NC (No Connection)
· Pin 8: NC (No Connection)
· Pin 9: +Vo
· Pin 10: -Vo
· Pin 16: +Vin

# IJ Series 2 Watt DC-DC Converters

## Features

· Single Output
· DIP 16 Package, Industry Standard Pinout
· 6000 VDC Isolation
· Operating Temperature: -40 °C to +85 °C
· MTBF: >3.5 MHrs
· 3 Year Warranty



## Input Specifications

· Input Voltage Range: Nominal ±10%
· Input Reverse Voltage: None
· Protection: None Specified


## Output Specifications

· Output Voltage: See table for options
· Minimum Load: 10%
· Line Regulation: 1.2%/1% ∆ Vin
· Load Regulation: 7.5% max for 10-100% load change
· Setpoint Accuracy: 100-110% of nominal at 10% load
· Ripple & Noise: 200 mV pk-pk 20 MHz bandwidth
· Temperature Coefficient: 0.03%/°C
· Short Circuit Protection: Continuous

## General Specifications

· Efficiency: See table
· Isolation Voltage: 6000 VDC, 1 minute
· Isolation Resistance: 10^9 Ω
· Isolation Capacitance: 10 pF typical
· Switching Frequency: 50 kHz typical at nominal input, full load
· MTBF: >3.5 MHrs to MIL-HDBK-217F at 25 °C, GB

## Environmental Specifications

· Operating Temperature: -40 °C to +85 °C
· Storage Temperature: -55 °C to +125 °C
· Case Temperature: 105 °C max
· Cooling: Convection-cooled
· Lead Temperature: 260 °C, 0.06 in (1.5 mm) from case, 10 s



## Model Options & Performance (Typical)

Input Voltage Output Voltage Output Current Efficiency Model Number
5 VDC 5.0 V 400 mA 76% IJ0505DA
5 VDC 12.0 V 167 mA 79% IJ0512DA
12 VDC 5.0 V 400 mA 76% IJ1205DA
12 VDC 12.0 V 167 mA 80% IJ1212DA
12 VDC 15.0 V 133 mA 79% IJ1215DA
24 VDC 12.0 V 167 mA 80% IJ2412DA



## Mechanical Details

· Dimensions: 0.940 x 0.315 x 0.10 inches (23.86 x 7.50 x 2.54 mm)
· Weight: 0.008 lbs (3.8 g)
· Pin Diameter: 0.024 x 0.010 inches (0.60 x 0.25 mm)
· Pin Tolerance: ±0.004 inches (±0.10 mm)
· Recommended Footprint: 0.1 x 0.1 in (2.54 x 2.54 mm) grid, Diameter: 0.39” (1.0 mm)

## Pin Function

· Pin 1: -Vin
· Pin 7: NC (No Connection)
· Pin 8: NC (No Connection)
· Pin 9: +Vo
· Pin 10: -Vo
· Pin 16: +Vin

Part No.IJ0505DA
ManufacturerXPPOWER
Size63 Kbytes
Pages1 page
DescriptionSingle Output
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com