Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

CS16-6 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about CS16-6 Datasheet

  • # Example questions: ➢ What types of package styles are available for the mlp71xx series?
    ➢ What is the primary application restriction stated regarding the use of macom products?
    ➢ What disclaimer does macom provide regarding potential errors or omissions within the provided documentation?

  • Part No.CS16-6
    ManufacturerMA-COM
    Size699 Kbytes
    Pages6 pages
    DescriptionLow Power Limiter Diodes
    Datasheet Summary with AI

    1. Product Overview:

    ️· Product: MLP71xx Series Low-Power Limiter Diodes
    ️· Function: These are limiter diodes, designed to protect circuits from overvoltage and signal clipping.

    2. Key Features & Warnings:

    ️· Not for Life-Critical Applications: Explicitly states that these diodes are *not* intended for medical, life-saving, or life-sustaining applications. Users must indemnify MACOM (the manufacturer) for any damages arising from improper use in such contexts.
    ️· Disclaimer: MACOM provides the information "as is" without warranty, and assumes no liability for errors or changes.

    3. Electrical Characteristics (Refer to Tables within the full datasheet - excerpt doesn’s have them):

    ️· The datasheet would contain detailed electrical specifications like:
    - Breakdown Voltage
    - Insertion Loss
    - Input Power
    - Forward Voltage

    4. Package Options & Descriptions:

    The series is available in multiple package styles, including:

    ️· CS11 (Chip form)
    ️· CS16 (Surface Mount, AlN Carrier, Epoxy Encapsulated) - Several variations within this include CS16-1 to CS16-7, each with specific dimensions.
    ️· CS20 (H20) (Surface Mount, Ceramic Package)
    ️· CS37 (T86) (Pill Package, Ceramic Body)
    ️· SOD323 (Surface Mount Plastic Package)
    ️· CS32 (Kovar Pill Package)

    Each package has specific dimensions (length, width, height) and solder layout information, found in the detailed drawings.

    5. Ordering Information:

    ️· Part Number Format: MLP71XX-YY (where "YY" specifies the package style suffix, such as -11, -16-x, -20, etc.).

    6. Legal Disclaimers and Notices

    ️· MACOM’s Terms and Conditions of Sale apply.
    ️· No intellectual property rights are granted.
    ️· This is a datasheet excerpt and is not the complete documentation. Refer to the full datasheet for comprehensive details.

    1. Product Overview:

    ️· Product: MLP71xx Series Low-Power Limiter Diodes
    ️· Function: These are limiter diodes, designed to protect circuits from overvoltage and signal clipping.

    2. Key Features & Warnings:

    ️· Not for Life-Critical Applications: Explicitly states that these diodes are *not* intended for medical, life-saving, or life-sustaining applications. Users must indemnify MACOM (the manufacturer) for any damages arising from improper use in such contexts.
    ️· Disclaimer: MACOM provides the information "as is" without warranty, and assumes no liability for errors or changes.

    3. Electrical Characteristics (Refer to Tables within the full datasheet - excerpt doesn’s have them):

    ️· The datasheet would contain detailed electrical specifications like:
    - Breakdown Voltage
    - Insertion Loss
    - Input Power
    - Forward Voltage

    4. Package Options & Descriptions:

    The series is available in multiple package styles, including:

    ️· CS11 (Chip form)
    ️· CS16 (Surface Mount, AlN Carrier, Epoxy Encapsulated) - Several variations within this include CS16-1 to CS16-7, each with specific dimensions.
    ️· CS20 (H20) (Surface Mount, Ceramic Package)
    ️· CS37 (T86) (Pill Package, Ceramic Body)
    ️· SOD323 (Surface Mount Plastic Package)
    ️· CS32 (Kovar Pill Package)

    Each package has specific dimensions (length, width, height) and solder layout information, found in the detailed drawings.

    5. Ordering Information:

    ️· Part Number Format: MLP71XX-YY (where "YY" specifies the package style suffix, such as -11, -16-x, -20, etc.).

    6. Legal Disclaimers and Notices

    ️· MACOM’s Terms and Conditions of Sale apply.
    ️· No intellectual property rights are granted.
    ️· This is a datasheet excerpt and is not the complete documentation. Refer to the full datasheet for comprehensive details.

    Part No.CS16-6
    ManufacturerMA-COM
    Size699 Kbytes
    Pages6 pages
    DescriptionLow Power Limiter Diodes
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com