| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TP2L-3W Datasheet
# Example questions:
➢ What is the tube quantity for a standard tube of these modules?
➢ What is the pinout for pin 5 and pin 8 for a dual output configuration?
➢ What is the peak wave solder temperature compatible with this series?
# TP2L-3W Series DC/DC Converters
## Overview
Isolated 3 Watt DC/DC converters in a SIP package. Feature a 2:1 wide input range and tightly regulated output voltage for cost-critical industrial and consumer electronics applications. Operating temperature: -40ºC to 85ºC.
## Key Features
️· RoHS compliant
️· 2:1 Wide input voltage range
️· Continuous short circuit protection
️· Operating temperature: -40ºC to 85ºC
️· Efficiency up to 83%
️· Power density: 0.91W/cm³
️· Input voltage: 12V, 24V, 48V
️· Output voltage: 3.3V, 5V, 9V, 12V, 15V, 24V / ±5V, ±9V, ±12V, ±15V
️· Low noise
️· External control
️· 3KVDC Isolation
## Selection Guide
A table detailing various models with specifications like input voltage, output voltage, current, and efficiency. Models support both single and dual outputs.
## Specifications
️· Output Power: 0.3 - 3W
️· Positive Voltage Accuracy: ±1% to ±3%
️· Negative Voltage Accuracy: ±3% to ±5%
️· Load Regulation: ±0.5% to ±1.0%
️· Line Regulation: ±0.2% to ±0.5%
️· Ripple & Noise: 50-100 mVp-p
️· Switching Frequency: 300 kHz
## Additional Information
️· External Capacitors: Recommended values for single and dual output configurations.
️· Mechanical Dimensions: Includes pin connections, footprint details, and tube outline dimensions.
️· Soldering Information: Compatible with RoHS and Sn/Pb soldering systems.
️· Safety: 3000 VDC Isolation Voltage.
️· MTBF: 1000 K hours
️· Weight: 6g.
# TP2L-3W Series DC/DC Converters
## Overview
Isolated 3 Watt DC/DC converters in a SIP package. Feature a 2:1 wide input range and tightly regulated output voltage for cost-critical industrial and consumer electronics applications. Operating temperature: -40ºC to 85ºC.
## Key Features
️· RoHS compliant
️· 2:1 Wide input voltage range
️· Continuous short circuit protection
️· Operating temperature: -40ºC to 85ºC
️· Efficiency up to 83%
️· Power density: 0.91W/cm³
️· Input voltage: 12V, 24V, 48V
️· Output voltage: 3.3V, 5V, 9V, 12V, 15V, 24V / ±5V, ±9V, ±12V, ±15V
️· Low noise
️· External control
️· 3KVDC Isolation
## Selection Guide
A table detailing various models with specifications like input voltage, output voltage, current, and efficiency. Models support both single and dual outputs.
## Specifications
️· Output Power: 0.3 - 3W
️· Positive Voltage Accuracy: ±1% to ±3%
️· Negative Voltage Accuracy: ±3% to ±5%
️· Load Regulation: ±0.5% to ±1.0%
️· Line Regulation: ±0.2% to ±0.5%
️· Ripple & Noise: 50-100 mVp-p
️· Switching Frequency: 300 kHz
## Additional Information
️· External Capacitors: Recommended values for single and dual output configurations.
️· Mechanical Dimensions: Includes pin connections, footprint details, and tube outline dimensions.
️· Soldering Information: Compatible with RoHS and Sn/Pb soldering systems.
️· Safety: 3000 VDC Isolation Voltage.
️· MTBF: 1000 K hours
️· Weight: 6g.
| Part No. | TP2L-3W |
| Manufacturer | TOPPOWER |
| Size | 201 Kbytes |
| Pages | 3 pages |
| Description | 3W Isolated Wide Input Single And Dual Output DC/DC Converters |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |