| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TPD-W5 Datasheet
# Example questions:
➢ What are the mechanical dimensions of both the dip and sip packages, and what is the pin pitch?
➢ What is the function of pin 7 on the 14-pin dip package?
➢ What is the recommended quantity of components per tube for both the 14-pin dip and 7-pin sip?
# TPD-W5 Series DC/DC Converters
## Overview
The TPD-W5 series are miniature, isolated 0.5W DC/DC converters available in SIP and DIP packages, suitable for space-critical applications requiring board-level power distribution. They feature twin outputs, high efficiency (up to 80%), and 3KVDC isolation.
## Key Features
️· Output: Twin independent outputs
️· Isolation: Input/Output and Output/Output 3KVDC isolation
️· Efficiency: Up to 80%
️· Package: SIP and DIP packages available
️· Operating Temperature: -40°C to 85°C
️· Compliance: RoHS compliant, UL 94V-0 package material
## Selection Guide
A variety of models are available with different input voltages (5V, 12V) and output voltages (3.3V, 5V, 9V, 12V, 15V).
## Input Characteristics
️· 5V Input: 4.5V - 5.5V
️· 12V Input: 11V - 13V
## Output Characteristics
️· Rated Power: 0.5W
️· Line Regulation: 1.0-1.2%
️· Load Regulation: 9-14% (depending on output voltage)
## Absolute Maximum Ratings
️· Short Circuit Protection: 1 second
️· Lead Temperature: 300°C for 10 seconds
️· Input Voltage (TPD05): 6.5V
️· Input Voltage (TPD12): 14.5V
## Mechanical Information
️· Packages: DIP and SIP
️· Dimensions: Details provided in datasheet with drawings
️· Tube Packaging: Available for both DIP and SIP, 520mm length, 25 units/tube.
## Safety & Compliance
️· RoHS Compliant
️· UL 94V-0 rated package material.
# TPD-W5 Series DC/DC Converters
## Overview
The TPD-W5 series are miniature, isolated 0.5W DC/DC converters available in SIP and DIP packages, suitable for space-critical applications requiring board-level power distribution. They feature twin outputs, high efficiency (up to 80%), and 3KVDC isolation.
## Key Features
️· Output: Twin independent outputs
️· Isolation: Input/Output and Output/Output 3KVDC isolation
️· Efficiency: Up to 80%
️· Package: SIP and DIP packages available
️· Operating Temperature: -40°C to 85°C
️· Compliance: RoHS compliant, UL 94V-0 package material
## Selection Guide
A variety of models are available with different input voltages (5V, 12V) and output voltages (3.3V, 5V, 9V, 12V, 15V).
## Input Characteristics
️· 5V Input: 4.5V - 5.5V
️· 12V Input: 11V - 13V
## Output Characteristics
️· Rated Power: 0.5W
️· Line Regulation: 1.0-1.2%
️· Load Regulation: 9-14% (depending on output voltage)
## Absolute Maximum Ratings
️· Short Circuit Protection: 1 second
️· Lead Temperature: 300°C for 10 seconds
️· Input Voltage (TPD05): 6.5V
️· Input Voltage (TPD12): 14.5V
## Mechanical Information
️· Packages: DIP and SIP
️· Dimensions: Details provided in datasheet with drawings
️· Tube Packaging: Available for both DIP and SIP, 520mm length, 25 units/tube.
## Safety & Compliance
️· RoHS Compliant
️· UL 94V-0 rated package material.
| Part No. | TPD-W5 |
| Manufacturer | TOPPOWER |
| Size | 196 Kbytes |
| Pages | 3 pages |
| Description | 0.5W Isolated Twin Output DC/DC Converters |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |