Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TP2Y1205 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TP2Y1205 Datasheet

  • # Example questions: ➢ What is the recommended peak wave solder temperature for this series of power supplies?
    ➢ What is the minimum rated load required across the entire input voltage range, expressed as a percentage of the full load output?
    ➢ What are the overall dimensions of the dip package in millimeters?

  • Part No.TP2Y1205
    ManufacturerTOPPOWER
    Size638 Kbytes
    Pages4 pages
    Description3W 1KVDC Isolated Wide Input DC/DC Converters
    Datasheet Summary with AI

    # TP2Y Series DC/DC Converters

    ## Overview

    The TP2Y series are isolated 3W DC/DC converters in a low-profile DIP package. They feature a 2:1 wide input range, tightly regulated output voltage, and are suitable for cost-critical industrial and consumer electronics applications.

    ## Features

    ️· RoHS compliant
    ️· Industry standard footprint
    ️· Efficiency up to 82%
    ️· Power density 0.90W/cm³
    ️· 2:1 wide input range
    ️· Single isolated output
    ️· Short circuit protection
    ️· Low profile 24-pin DIP package
    ️· UL 94V-0 package material
    ️· Operating temperature: -40℃ to 85℃
    ️· Input voltages: 5V, 12V, 24V, 48V
    ️· Output voltages: 3.3V, 5V, 9V, 12V, 15V

    ## Selection Guide (Example - see datasheet for complete list)

    Part Number Input Voltage Output Voltage Output Current (Min/Max) Efficiency (%)
    TP2Y0505 5V (4.5-9V) 5V 100-150mA 65%
    TP2Y1205 12V (9-18V) 5V 150mA 71%
    TP2Y2403 24V (18-36V) 3.3V 228mA 70%

    ## Input Characteristics

    Input Voltage Range Conditions
    4.5-9V TP2Y05xx
    9-18V TP2Y12xx
    18-36V TP2Y24xx
    36-72V TP2Y48xx

    ## Absolute Maximum Ratings

    ️· Short circuit protection: Continuous
    ️· Lead temperature (1.5mm from case, 10s): 300°C
    ️· Minimum load: 25% of rated load
    ️· Internal dissipation: 1.7W

    ## Output Characteristics

    ️· Voltage set point accuracy: ±1% to ±5%
    ️· Line regulation: 0.06% to 0.5%
    ️· Load regulation (3.3V): 0.7% to 1.0%
    ️· Load regulation (all other outputs): 0.3% to 0.5%

    ## Isolation Characteristics

    ️· Isolation test voltage: 1000VDC
    ️· Resistance: 1GΩ

    ## General Characteristics

    ️· Switching frequency: 90kHz - 550kHz (depending on output and load)

    ## Recommended Components

    ️· Input Capacitor (Cin): 10µF, 200V (low ESR)
    ️· Output Capacitor (Cout): 100µF, 25V (low ESR)
    ️· Inductor (Lout): 10uH, 1.4A

    ## Mechanical Dimensions

    ️· Package: 24-pin DIP
    ️· Dimensions: Refer to datasheet for detailed mechanical drawings and footprint details.
    ️· Weight: 6.2g (3.3V: 6.7g)

    ## Soldering Information

    ️· Compatible with RoHS soldering systems (peak wave solder temperature: 300°C for 10 seconds)
    ️· Backward compatible with Sn/Pb soldering systems.

    # TP2Y Series DC/DC Converters

    ## Overview

    The TP2Y series are isolated 3W DC/DC converters in a low-profile DIP package. They feature a 2:1 wide input range, tightly regulated output voltage, and are suitable for cost-critical industrial and consumer electronics applications.

    ## Features

    ️· RoHS compliant
    ️· Industry standard footprint
    ️· Efficiency up to 82%
    ️· Power density 0.90W/cm³
    ️· 2:1 wide input range
    ️· Single isolated output
    ️· Short circuit protection
    ️· Low profile 24-pin DIP package
    ️· UL 94V-0 package material
    ️· Operating temperature: -40℃ to 85℃
    ️· Input voltages: 5V, 12V, 24V, 48V
    ️· Output voltages: 3.3V, 5V, 9V, 12V, 15V

    ## Selection Guide (Example - see datasheet for complete list)

    Part Number Input Voltage Output Voltage Output Current (Min/Max) Efficiency (%)
    TP2Y0505 5V (4.5-9V) 5V 100-150mA 65%
    TP2Y1205 12V (9-18V) 5V 150mA 71%
    TP2Y2403 24V (18-36V) 3.3V 228mA 70%

    ## Input Characteristics

    Input Voltage Range Conditions
    4.5-9V TP2Y05xx
    9-18V TP2Y12xx
    18-36V TP2Y24xx
    36-72V TP2Y48xx

    ## Absolute Maximum Ratings

    ️· Short circuit protection: Continuous
    ️· Lead temperature (1.5mm from case, 10s): 300°C
    ️· Minimum load: 25% of rated load
    ️· Internal dissipation: 1.7W

    ## Output Characteristics

    ️· Voltage set point accuracy: ±1% to ±5%
    ️· Line regulation: 0.06% to 0.5%
    ️· Load regulation (3.3V): 0.7% to 1.0%
    ️· Load regulation (all other outputs): 0.3% to 0.5%

    ## Isolation Characteristics

    ️· Isolation test voltage: 1000VDC
    ️· Resistance: 1GΩ

    ## General Characteristics

    ️· Switching frequency: 90kHz - 550kHz (depending on output and load)

    ## Recommended Components

    ️· Input Capacitor (Cin): 10µF, 200V (low ESR)
    ️· Output Capacitor (Cout): 100µF, 25V (low ESR)
    ️· Inductor (Lout): 10uH, 1.4A

    ## Mechanical Dimensions

    ️· Package: 24-pin DIP
    ️· Dimensions: Refer to datasheet for detailed mechanical drawings and footprint details.
    ️· Weight: 6.2g (3.3V: 6.7g)

    ## Soldering Information

    ️· Compatible with RoHS soldering systems (peak wave solder temperature: 300°C for 10 seconds)
    ️· Backward compatible with Sn/Pb soldering systems.

    Part No.TP2Y1205
    ManufacturerTOPPOWER
    Size638 Kbytes
    Pages4 pages
    Description3W 1KVDC Isolated Wide Input DC/DC Converters
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com