| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about TP2Y2415 Datasheet
# Example questions:
➢ What is the recommended peak wave solder temperature for this series of power supplies?
➢ What is the minimum rated load required across the entire input voltage range, expressed as a percentage of the full load output?
➢ What are the overall dimensions of the dip package in millimeters?
# TP2Y Series DC/DC Converters
## Overview
The TP2Y series are isolated 3W DC/DC converters in a low-profile DIP package. They feature a 2:1 wide input range, tightly regulated output voltage, and are suitable for cost-critical industrial and consumer electronics applications.
## Features
️· RoHS compliant
️· Industry standard footprint
️· Efficiency up to 82%
️· Power density 0.90W/cm³
️· 2:1 wide input range
️· Single isolated output
️· Short circuit protection
️· Low profile 24-pin DIP package
️· UL 94V-0 package material
️· Operating temperature: -40℃ to 85℃
️· Input voltages: 5V, 12V, 24V, 48V
️· Output voltages: 3.3V, 5V, 9V, 12V, 15V
## Selection Guide (Example - see datasheet for complete list)
| Part Number | Input Voltage | Output Voltage | Output Current (Min/Max) | Efficiency (%) |
|---|---|---|---|---|
| TP2Y0505 | 5V (4.5-9V) | 5V | 100-150mA | 65% |
| TP2Y1205 | 12V (9-18V) | 5V | 150mA | 71% |
| TP2Y2403 | 24V (18-36V) | 3.3V | 228mA | 70% |
| Input Voltage Range | Conditions |
|---|---|
| 4.5-9V | TP2Y05xx |
| 9-18V | TP2Y12xx |
| 18-36V | TP2Y24xx |
| 36-72V | TP2Y48xx |
# TP2Y Series DC/DC Converters
## Overview
The TP2Y series are isolated 3W DC/DC converters in a low-profile DIP package. They feature a 2:1 wide input range, tightly regulated output voltage, and are suitable for cost-critical industrial and consumer electronics applications.
## Features
️· RoHS compliant
️· Industry standard footprint
️· Efficiency up to 82%
️· Power density 0.90W/cm³
️· 2:1 wide input range
️· Single isolated output
️· Short circuit protection
️· Low profile 24-pin DIP package
️· UL 94V-0 package material
️· Operating temperature: -40℃ to 85℃
️· Input voltages: 5V, 12V, 24V, 48V
️· Output voltages: 3.3V, 5V, 9V, 12V, 15V
## Selection Guide (Example - see datasheet for complete list)
| Part Number | Input Voltage | Output Voltage | Output Current (Min/Max) | Efficiency (%) |
|---|---|---|---|---|
| TP2Y0505 | 5V (4.5-9V) | 5V | 100-150mA | 65% |
| TP2Y1205 | 12V (9-18V) | 5V | 150mA | 71% |
| TP2Y2403 | 24V (18-36V) | 3.3V | 228mA | 70% |
| Input Voltage Range | Conditions |
|---|---|
| 4.5-9V | TP2Y05xx |
| 9-18V | TP2Y12xx |
| 18-36V | TP2Y24xx |
| 36-72V | TP2Y48xx |
| Part No. | TP2Y2415 |
| Manufacturer | TOPPOWER |
| Size | 638 Kbytes |
| Pages | 4 pages |
| Description | 3W 1KVDC Isolated Wide Input DC/DC Converters |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |