| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PI3VT3245 Datasheet
# Example questions:
➢ What package options are available for the pi3vt3245, and which one is designated as 'pb-free & green'?
➢ What is the maximum propagation delay (tplh) when operating at 3v with a 50pf load?
➢ What is the typical quiescent current (icc) of the pi3vt3245 when vcc is at its maximum value?
## Summary of the PI3VT3245 Datasheet
This document is a datasheet for the Pericom Semiconductor PI3VT3245, an 8-bit, 2-port, low-voltage translator bus switch. Here's a breakdown of the key information:
Core Functionality:
️· Purpose: Acts as a bidirectional switch for data transmission between two ports. It’s designed for low-voltage applications.
️· Number of Bits: 8-bit.
️· Ports: 2 (A and B).
Key Features & Specifications:
️· Operating Voltage: Supports both 3.3V and 2.5V operation.
️· Low On-Resistance (RON): Typically 5-30 ohms (depending on voltage and input) which minimizes signal loss.
️· Low Capacitance: Helps maintain signal integrity at higher frequencies.
️· Fast Switching Speeds: Propagation delays (tPLH/tPHL) are around 0.25ns.
️· Low Power Consumption: Quiescent current (ICC) is very low (typically 3µA).
️· Bidirectional: Supports data flow in either direction.
Electrical Characteristics:
️· Input Voltage (VIH/VIL): Defined levels for logic high and low.
️· Switch On-Resistance (RON): Varies based on input voltage.
️· Pass Voltage (Vp): Voltage levels for signal passing through the switch.
Switching Characteristics:
️· Propagation Delay (tPLH, tPHL): Time it takes for a signal to pass through the switch.
️· Enable Time (tPZH, tPZL): Time it takes for the switch to turn on/off.
️· Disable Time (tPHZ, tPLZ): Time it takes for the switch to turn off/on.
Packages:
️· Available in 20-pin QSOP (Q) and 20-pin TSSOP (L) packages. Pb-free and Green options are available.
Applications:
️· Data multiplexing and demultiplexing
️· Address, data, and control signal switching
️· Logic signal selection
Overall:
The PI3VT3245 is a high-performance, low-power bus switch suitable for various digital logic applications. Its key strengths are its low on-resistance, fast switching speeds, and low power consumption.
## Summary of the PI3VT3245 Datasheet
This document is a datasheet for the Pericom Semiconductor PI3VT3245, an 8-bit, 2-port, low-voltage translator bus switch. Here's a breakdown of the key information:
Core Functionality:
️· Purpose: Acts as a bidirectional switch for data transmission between two ports. It’s designed for low-voltage applications.
️· Number of Bits: 8-bit.
️· Ports: 2 (A and B).
Key Features & Specifications:
️· Operating Voltage: Supports both 3.3V and 2.5V operation.
️· Low On-Resistance (RON): Typically 5-30 ohms (depending on voltage and input) which minimizes signal loss.
️· Low Capacitance: Helps maintain signal integrity at higher frequencies.
️· Fast Switching Speeds: Propagation delays (tPLH/tPHL) are around 0.25ns.
️· Low Power Consumption: Quiescent current (ICC) is very low (typically 3µA).
️· Bidirectional: Supports data flow in either direction.
Electrical Characteristics:
️· Input Voltage (VIH/VIL): Defined levels for logic high and low.
️· Switch On-Resistance (RON): Varies based on input voltage.
️· Pass Voltage (Vp): Voltage levels for signal passing through the switch.
Switching Characteristics:
️· Propagation Delay (tPLH, tPHL): Time it takes for a signal to pass through the switch.
️· Enable Time (tPZH, tPZL): Time it takes for the switch to turn on/off.
️· Disable Time (tPHZ, tPLZ): Time it takes for the switch to turn off/on.
Packages:
️· Available in 20-pin QSOP (Q) and 20-pin TSSOP (L) packages. Pb-free and Green options are available.
Applications:
️· Data multiplexing and demultiplexing
️· Address, data, and control signal switching
️· Logic signal selection
Overall:
The PI3VT3245 is a high-performance, low-power bus switch suitable for various digital logic applications. Its key strengths are its low on-resistance, fast switching speeds, and low power consumption.
| Part No. | PI3VT3245 |
| Manufacturer | PERICOM |
| Size | 311 Kbytes |
| Pages | 5 pages |
| Description | 8-Bit, 2-Port, Low Voltage Translator Bus SWITCH |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |