Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

ES1AF Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about ES1AF Datasheet

  • # Example questions: ➢ What is the typical junction capacitance for all listed rectifier models?
    ➢ What package type is used for the es1af through es1jf rectifiers?
    ➢ What is the maximum rms voltage for the es1bf rectifier?

  • Part No.ES1AF
    ManufacturerSEMIPOWER
    Size130 Kbytes
    Pages3 pages
    DescriptionSurface Mount Superfast Recovery Rectifier
    Datasheet Summary with AI

    # ES1AF THRU ES1JF

    PINNING

    PIN DESCRIPTION
    1 Cathode
    2 Anode

    MECHANICAL DATA

    ️· Case: SMAF
    ️· Terminals: Solderable per MIL-STD-750, Method 2026
    ️· Approx. Weight: 27mg / 0.00095oz

    ABSOLUTE MAXIMUM RATINGS & CHARACTERISTICS

    Parameter Symbol ES1AF ES1BF ES1CF ES1DF ES1EF ES1GF ES1JF Unit
    Maximum Repetitive Peak Reverse Voltage VRRM 50 100 150 200 300 400 600 V
    Maximum RMS Voltage VRMS 35 70 105 140 210 280 420 V
    Maximum DC Blocking Voltage VDC 50 100 150 200 300 400 600 V
    Max Avg Forward Rectified Current (Tj=125°C) IF(AV) 1 1 1 1 1 1 1 A
    Peak Forward Surge Current (8.3ms) IFSM 30 30 30 30 30 30 30 A
    Max Forward Voltage (at 1A) VF 1 1 1 1 1.25 1.25 1.68 V
    Max DC Reverse Current (at 25°C) IR 5 5 5 5 5 5 5 µA
    Max DC Reverse Current (at 125°C) IR 100 100 100 100 100 100 100 µA
    Typical Junction Capacitance Cj 15 15 15 15 15 15 15 pF
    Max Reverse Recovery Time trr 35 35 35 35 35 35 35 ns
    Thermal Resistance RθJA 80 80 80 80 80 80 80 °C/W
    Operating/Storage Temp Range T, Tstg -55~+150 -55~+150 -55~+150 -55~+150 -55~+150 -55~+150 -55~+150 °C

    PACKAGE OUTLINE

    ️· Plastic surface mounted package
    ️· 2 leads SMAF

    MARKING

    Type Number Marking Code
    ES1AF ES1A
    ES1BF ES1B
    ES1CF ES1C
    ES1DF ES1D
    ES1EF ES1E
    ES1GF ES1G
    ES1JF ES1J

    # ES1AF THRU ES1JF

    PINNING

    PIN DESCRIPTION
    1 Cathode
    2 Anode

    MECHANICAL DATA

    ️· Case: SMAF
    ️· Terminals: Solderable per MIL-STD-750, Method 2026
    ️· Approx. Weight: 27mg / 0.00095oz

    ABSOLUTE MAXIMUM RATINGS & CHARACTERISTICS

    Parameter Symbol ES1AF ES1BF ES1CF ES1DF ES1EF ES1GF ES1JF Unit
    Maximum Repetitive Peak Reverse Voltage VRRM 50 100 150 200 300 400 600 V
    Maximum RMS Voltage VRMS 35 70 105 140 210 280 420 V
    Maximum DC Blocking Voltage VDC 50 100 150 200 300 400 600 V
    Max Avg Forward Rectified Current (Tj=125°C) IF(AV) 1 1 1 1 1 1 1 A
    Peak Forward Surge Current (8.3ms) IFSM 30 30 30 30 30 30 30 A
    Max Forward Voltage (at 1A) VF 1 1 1 1 1.25 1.25 1.68 V
    Max DC Reverse Current (at 25°C) IR 5 5 5 5 5 5 5 µA
    Max DC Reverse Current (at 125°C) IR 100 100 100 100 100 100 100 µA
    Typical Junction Capacitance Cj 15 15 15 15 15 15 15 pF
    Max Reverse Recovery Time trr 35 35 35 35 35 35 35 ns
    Thermal Resistance RθJA 80 80 80 80 80 80 80 °C/W
    Operating/Storage Temp Range T, Tstg -55~+150 -55~+150 -55~+150 -55~+150 -55~+150 -55~+150 -55~+150 °C

    PACKAGE OUTLINE

    ️· Plastic surface mounted package
    ️· 2 leads SMAF

    MARKING

    Type Number Marking Code
    ES1AF ES1A
    ES1BF ES1B
    ES1CF ES1C
    ES1DF ES1D
    ES1EF ES1E
    ES1GF ES1G
    ES1JF ES1J

    Part No.ES1AF
    ManufacturerSEMIPOWER
    Size130 Kbytes
    Pages3 pages
    DescriptionSurface Mount Superfast Recovery Rectifier
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com