| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about CSP10200SG-A Datasheet
# Example questions:
➢ What are the quantity specifications for the csp10200sg when shipped in a carton?
➢ What is the maximum forward rectified current (io) specified for the csp10200s?
➢ What is the epoxy material's flame retardant rating?
1. Product Overview:
️· Part Number: CSP10200SG-A
️· Type: Super Low Barrier High Voltage Power Rectifier
️· Manufacturer: Chip Integration Technology Corporation
️· Package: TO-277B
️· Key Features:
- Low Forward Voltage Drop
- Excellent High-Temperature Stability
- Halogen-Free
- Lead-Free Compliant (Meets environmental standards)
2. Electrical Characteristics (at 25°C unless noted):
| Parameter | Conditions/Notes | Symbol | Min | Typ | Max | Unit |
|---|---|---|---|---|---|---|
| DC Blocking Voltage | VRM | 200 | V | |||
| Working Peak Inverse Voltage | VRWM | 200 | V | |||
| Peak Repetitive Inverse Voltage | VRRM | 200 | V | |||
| Forward Rectified Current | Single Phase, Half Wave, 60Hz, Resistive/Inductive Load. Derate by 20% for Capacitive loads. | IO | 10 | 10 | 10 | A |
| Forward Surge Current | 8.3ms Single Half Sine-Wave | IFSM | 180 | 180 | 180 | A |
| Thermal Resistance (Junction to Case) | RθJC | 8 | °C/W | |||
| Thermal Resistance (Junction to Ambient) | RθJA | 35 | °C/W | |||
| Storage Temperature | TSTG | -55 | +150 | °C | ||
| Operating Temperature | TJ | -55 | +175 | °C | ||
| Forward Voltage Drop (VF) | I = 10A, T = 25°C | 0.7 | V | |||
| Forward Voltage Drop (VF) | I = 10A, T = 125°C | 0.8 | V | |||
| Reverse Current (IR) | V = VRRM, T = 25°C | 0.01 | mA | |||
| Reverse Current (IR) | V = VRRM, T = 125°C | 4 | 30 | mA |
1. Product Overview:
️· Part Number: CSP10200SG-A
️· Type: Super Low Barrier High Voltage Power Rectifier
️· Manufacturer: Chip Integration Technology Corporation
️· Package: TO-277B
️· Key Features:
- Low Forward Voltage Drop
- Excellent High-Temperature Stability
- Halogen-Free
- Lead-Free Compliant (Meets environmental standards)
2. Electrical Characteristics (at 25°C unless noted):
| Parameter | Conditions/Notes | Symbol | Min | Typ | Max | Unit |
|---|---|---|---|---|---|---|
| DC Blocking Voltage | VRM | 200 | V | |||
| Working Peak Inverse Voltage | VRWM | 200 | V | |||
| Peak Repetitive Inverse Voltage | VRRM | 200 | V | |||
| Forward Rectified Current | Single Phase, Half Wave, 60Hz, Resistive/Inductive Load. Derate by 20% for Capacitive loads. | IO | 10 | 10 | 10 | A |
| Forward Surge Current | 8.3ms Single Half Sine-Wave | IFSM | 180 | 180 | 180 | A |
| Thermal Resistance (Junction to Case) | RθJC | 8 | °C/W | |||
| Thermal Resistance (Junction to Ambient) | RθJA | 35 | °C/W | |||
| Storage Temperature | TSTG | -55 | +150 | °C | ||
| Operating Temperature | TJ | -55 | +175 | °C | ||
| Forward Voltage Drop (VF) | I = 10A, T = 25°C | 0.7 | V | |||
| Forward Voltage Drop (VF) | I = 10A, T = 125°C | 0.8 | V | |||
| Reverse Current (IR) | V = VRRM, T = 25°C | 0.01 | mA | |||
| Reverse Current (IR) | V = VRRM, T = 125°C | 4 | 30 | mA |
| Part No. | CSP10200SG-A |
| Manufacturer | CITC |
| Size | 504 Kbytes |
| Pages | 3 pages |
| Description | Super Low Barrier High Voltage Power Rectifier |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |