| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about PE7162-2_16 Datasheet
# Example questions:
➢ What is the vswr of this attenuator across the frequency range from dc to 4 ghz?
➢ What type of connectors are used on each end of this attenuator, and what standard do they adhere to?
➢ What is the maximum power this attenuator can handle at +85°c?
# PE7162-2 Fixed Attenuator Summary
## Features
· Attenuation: 2 ± 0.6 dB
· Frequency Range: DC to 6 GHz
· Power Rating: 2 Watts (CW), derated to 1.1W at +85°C
· VSWR: < 1.35:1
· Bidirectional
· Impedance: 50 Ohms
## Specifications
Electrical
· Attenuation Accuracy: ±0.6 dB
· VSWR (Max): 1.35:1
· Input Power, CW: 2 Watts
· VSWR by Frequency:
- DC to 4 GHz: 1.2:1
- 4 to 6 GHz: 1.35:1
Mechanical
· Size: 0.86 in x 0.312 in [21.84 mm x 7.92 mm]
· Weight: 0.01 lbs [4.54 g]
· Body Material: Passivated Stainless Steel
· Connector Type: SMA Male to SMA Female
· Connector Specification: MIL-STD-348
· Coupling Nut Torque: 8 in-lbs (0.9 Nm)
## Environmental & Compliance
· Operating Temperature: -20 to +85°C
· Compliance: RoHS, REACH
## Applications
· Instrumentation
· Precision Measurements
· Prototyping
· Production Systems
# PE7162-2 Fixed Attenuator Summary
## Features
· Attenuation: 2 ± 0.6 dB
· Frequency Range: DC to 6 GHz
· Power Rating: 2 Watts (CW), derated to 1.1W at +85°C
· VSWR: < 1.35:1
· Bidirectional
· Impedance: 50 Ohms
## Specifications
Electrical
· Attenuation Accuracy: ±0.6 dB
· VSWR (Max): 1.35:1
· Input Power, CW: 2 Watts
· VSWR by Frequency:
- DC to 4 GHz: 1.2:1
- 4 to 6 GHz: 1.35:1
Mechanical
· Size: 0.86 in x 0.312 in [21.84 mm x 7.92 mm]
· Weight: 0.01 lbs [4.54 g]
· Body Material: Passivated Stainless Steel
· Connector Type: SMA Male to SMA Female
· Connector Specification: MIL-STD-348
· Coupling Nut Torque: 8 in-lbs (0.9 Nm)
## Environmental & Compliance
· Operating Temperature: -20 to +85°C
· Compliance: RoHS, REACH
## Applications
· Instrumentation
· Precision Measurements
· Prototyping
· Production Systems
| Part No. | PE7162-2_16 |
| Manufacturer | PASTERNACK |
| Size | 241 Kbytes |
| Pages | 3 pages |
| Description | 2 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body |
| ¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Enlace a la hoja de datos | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |