![]() |
Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about MO2700FBMGOFL-PF Datasheet
Example questions:
1. What is the frequency range for the UM1 series crystal unit according to Table 01 in the provided PDF?
2. What is the maximum load capacitance for the crystal units mentioned in the PDF?
3. What is the insulation resistance (IR) requirement for the crystal units at 100V DC as per the PDF?
# Crystal Units - UM1 & UM5 Series
## General Features
* **RoHS & REACH Compliant:** Products adhere to environmental standards.
* **Types:**
* Metal Can Through-Hole (UM1: 8mm height, UM5: 6mm height)
* SMD (Surface Mount Device) - Gull Wing Type and 3-lead options available
* **Frequency Range:**
* UM1: 3.5MHz – 100.0MHz
* UM5: 10.0MHz – 100.0MHz
* **Frequency Tolerance:** ±5.0ppm – ±50.0ppm (Standard: ±30.0ppm)
* **Frequency Stability:** ±5.0ppm – ±50.0ppm
* **Operating Temperature Range:**
* -10°C to +60°C
* -20°C to +70°C
* -30°C to +80°C
* -40°C to +85°C
* **Packaging:** Available in tape & reel, or loose.
## Electrical Specifications
* **Load Capacitance (CL):** Dependent on part number suffix (consult table)
* **Frequency Mode:** Fundamental (F) or 3rd Overtone (A)
* **Frequency:** Specified in full part number.
First 4 digits for frequencies < 100MHz, first 5 digits for > 100MHz
## Mechanical Dimensions (mm)
* **UM1:**
* Package Height (max): 8.0mm
* Top View: 7.7 ± 0.2
* Side View: 3.2 ± 0.2
* Front View: 6.9 ± 0.1, 3.75 ± 0.2, Ø0.35 ± 0.05, 2.2 ± 0.1
* **UM5:**
* Package Height (max): 6.0mm
* Dimensions Similar to UM1 - See original document for exact values.
## Part Number Generation
* **MO** – Series Code
* **First 4 or 5 digits** – Frequency in MHz
* **G, E, F, etc.** – Frequency Tolerance (±ppm)
* **G, F, K, etc.** – Frequency Stability (±ppm)
* **E, G, K, M** – Operating Temperature Range (°C)
* **GO, JO, KO** - Load Capacitance
* **L** - SR
* **F** - Fundamental
* **A** - 3rd Overtone
* **PF** - Suffix (required)
*Example: MO0800GKLGOFL–PF [8.000MHz]*
Part No. | MO2700FBMGOFL-PF |
Manufacturer | ACT |
Size | 179 Kbytes |
Pages | 2 pages |
Description | Crystal Unit |
Política de Privacidad |
ALLDATASHEET.COM.MX |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |