Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

5T9890NLGI Datasheet (PDF) - Renesas Technology Corp

5T9890NLGI Datasheet PDF - Renesas Technology Corp
No. de pieza 5T9890NLGI
Descarga  5T9890NLGI Descarga

Tamaño del archivo   496.81 Kbytes
Page   38 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL CLOCK DRIVER

5T9890NLGI Datasheet (PDF)

Go To PDF Page Descarga Datasheet
5T9890NLGI Datasheet PDF - Renesas Technology Corp

No. de pieza 5T9890NLGI
Descarga  5T9890NLGI Click to download

Tamaño del archivo   496.81 Kbytes
Page   38 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL CLOCK DRIVER

5T9890NLGI Datasheet (HTML) - Renesas Technology Corp

Back Button 5T9890NLGI Datasheet HTML 1Page - Renesas Technology Corp 5T9890NLGI Datasheet HTML 2Page - Renesas Technology Corp 5T9890NLGI Datasheet HTML 3Page - Renesas Technology Corp 5T9890NLGI Datasheet HTML 4Page - Renesas Technology Corp 5T9890NLGI Datasheet HTML 5Page - Renesas Technology Corp 5T9890NLGI Datasheet HTML 6Page - Renesas Technology Corp 5T9890NLGI Datasheet HTML 7Page - Renesas Technology Corp 5T9890NLGI Datasheet HTML 8Page - Renesas Technology Corp 5T9890NLGI Datasheet HTML 9Page - Renesas Technology Corp 5T9890NLGI Datasheet HTML 10Page - Renesas Technology Corp Next Button 

5T9890NLGI Detalles de producto

FEATURES:
• 2.5 VDD
• 5 pairs of programmable skew outputs
• Low skew: 100ps all outputs at same interface level, 250ps all
outputs at different interface levels
• Selectable positive or negative edge synchronization
• Tolerant of spread spectrum input clock
• Synchronous output enable
• Selectable inputs
• Input frequency: 4.17MHz to 250MHz
• Output frequency: 12.5MHz to 250MHz
• Internal non-volatile EEPROM
• JTAG or I2C bus serial interface for programming
• Hot insertable and over-voltage tolerant inputs
• Feedback divide selection with multiply ratios of (1-6, 8, 10, 12)
• Selectable HSTL, eHSTL, 1.8V/2.5V LVTTL, or LVEPECL input
interface
• Selectable HSTL, eHSTL, or 1.8V/2.5V LVTTL output interface for
each output bank
• Selectable differential or single-ended inputs and ten singleended outputs
• PLL bypass for DC testing
• External differential feedback, internal loop filter
• Low Jitter: <75ps cycle-to-cycle, all outputs at same interface
level: <100ps cycle-to-cycle all outputs at different interface levels
• Power-down mode
• Lock indicator
• Available in VFQFPN package




Número de pieza similar - 5T9890NLGI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
5T9891NLGI RENESAS-5T9891NLGI Datasheet
459Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
5T9891NLI RENESAS-5T9891NLI Datasheet
459Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
More results


Descripción similar - 5T9890NLGI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Integrated Device Techn...
IDT5T9891 IDT-IDT5T9891 Datasheet
286Kb / 37P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
logo
Renesas Technology Corp
IDT5T9891 RENESAS-IDT5T9891 Datasheet
459Kb / 38P
   EEPROM PROGRAMMABLE 2.5V PROGRAMMABLE SKEW PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
IDT5T9820 RENESAS-IDT5T9820 Datasheet
458Kb / 37P
   EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL CLOCK DRIVER
NOVEMBER 2004
logo
Integrated Device Techn...
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
logo
Pericom Semiconductor C...
PI6C3Q991 PERICOM-PI6C3Q991 Datasheet
544Kb / 10P
   3.3V Programmable Skew PLL Clock Driver
logo
Renesas Technology Corp
IDT5T9821 RENESAS-IDT5T9821 Datasheet
454Kb / 37P
   EEPROM PROGRAMMABLE 2.5V ZERO DELAY PLL DIFFERENTIAL CLOCK DRIVER
NOVEMBER 2004
logo
Integrated Device Techn...
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
More results




Sobre a Renesas Technology Corp


Renesas Technology Corp es una compañía de semiconductores japoneses que proporciona una amplia gama de microcontroladores, sistemas a chips y dispositivos analógicos y de energía para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
La compañía se formó en 2010 a través de la fusión de NEC Electronics Corporation y Renesas Technology Corporation.
Renesas es uno de los mayores proveedores de microcontroladores del mundo y es conocido por su experiencia en el desarrollo de tecnologías avanzadas en áreas como Internet de las cosas (IoT), inteligencia artificial (IA) y electrónica automotriz.
La compañía tiene operaciones en más de 20 países y sus productos se utilizan en una amplia gama de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com