Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
Transko Electronics, In... |
TX-P
|
315Kb / 2P |
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev 3: 03-02-2023 |
TX-V
|
349Kb / 2P |
STRATUM III MINIATURE CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 1.9mm)
Rev 3: 03-02-2023 |
TFC
|
328Kb / 2P |
CERAMIC SMD TCXO / VCTCXO (7.0 x 5.0 x 2.0mm)
Rev 3: 03-02-2023 |
TX-SB
|
305Kb / 1P |
TCXO/VCTCXO CERAMIC SMD (7.0 x 5.0 x 1.8mm)
Rev 2: 03-02-2023 |
TE-S
|
489Kb / 2P |
TCXO/VCTCXO SMD (7.0 x 5.0 x 1.7mm)
Rev. 0: Oct. 2015 |
TX-S
|
326Kb / 2P |
TCXO/VCTCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.0mm)
Rev 4: 03-02-2023 |
TP75A
|
357Kb / 2P |
MINIATURE CERAMIC SMD OSCILLATOR (7.0 x 5.0 x 1.9mm)
Rev 7: 04-11-2022 |
TX-R
|
324Kb / 2P |
(VC)TCXO MINIATURE CERAMIC SMD (7.0 x 5.0 x 2.5mm)
Rev 2: 03-02-2023 |
TX-T
|
315Kb / 2P |
TCXO/VCTCXO MINIATURE SMD (5.0 x 3.2 x 1.5mm)
Rev. 2: Jul. 2015 |
TXCS
|
520Kb / 1P |
COSPAS-SARSAT BEACONS CERAMIC SMD TCXO (7.0 x 5.0 x 2.0mm)
Rev. 2: Jan. 2015 |