Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

UNA-SMD Datasheet (PDF) - UN Semiconducctor INC

UNA-SMD Datasheet PDF - UN Semiconducctor INC
No. de pieza UNA-SMD
Descarga  UNA-SMD Descarga
Tamaño del archivo   2621.75 Kbytes
Page   5 Pages
Fabricante Electrónico  UNSEMI [UN Semiconducctor INC]
Página de inicio  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Descripción Electrónicos Spark Gap Protectors (SPG)

UNA-SMD Datasheet (PDF)

Go To PDF Page Descarga Datasheet
UNA-SMD Datasheet PDF - UN Semiconducctor INC

No. de pieza UNA-SMD
Descarga  UNA-SMD Click to download

Tamaño del archivo   2621.75 Kbytes
Page   5 Pages
Fabricante Electrónico  UNSEMI [UN Semiconducctor INC]
Página de inicio  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Descripción Electrónicos Spark Gap Protectors (SPG)

UNA-SMD Datasheet (HTML) - UN Semiconducctor INC


UNA-SMD Detalles de producto

Features
Approximately zero leaking current before clamping voltage
Less decay at on/off state.
High capability to withstand repeated lightning strikes.
Low electrode capacitance( ≤ 0.8pF) and high isolation( ≥100MΩ).
RoHS compliant.
Bilateral symmetrical.
Temperature, humidity and lightness insensitive.
Operating temperature: -40℃ ~ +85℃
Storage temperature: -40℃ ~ +125℃
Meets MSL level 1, per J-STD-020




Número de pieza similar - UNA-SMD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
UN Semiconducctor INC
UNA-102M UNSEMI-UNA-102M Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNA-141N UNSEMI-UNA-141N Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNA-152M UNSEMI-UNA-152M Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNA-181N UNSEMI-UNA-181N Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNA-201M UNSEMI-UNA-201M Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
More results


Descripción similar - UNA-SMD

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Socay Electornics Co., ...
SCC-102N SOCAY-SCC-102N Datasheet
109Kb / 5P
Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNC-SMD UNSEMI-UNC-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
logo
Socay Electornics Co., ...
SCB-141N-SMD SOCAY-SCB-141N-SMD Datasheet
124Kb / 5P
Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNB-SMD UNSEMI-UNB-SMD Datasheet
2Mb / 5P
Spark Gap Protectors (SPG)
Revision March 1,2022
logo
Socay Electornics Co., ...
SCB-102N SOCAY-SCB-102N Datasheet
107Kb / 5P
Spark Gap Protectors (SPG)
SCD-181M SOCAY-SCD-181M Datasheet
105Kb / 5P
Spark Gap Protectors (SPG)
logo
UN Semiconducctor INC
UNC UNSEMI-UNC Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNA UNSEMI-UNA Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
UNB UNSEMI-UNB Datasheet
2Mb / 6P
Spark Gap Protectors (SPG)
Revision March 1,2022
logo
World Produts Inc.
WPSPG-20L200 WPI-WPSPG-20L200 Datasheet
1,005Kb / 31P
WP SPG - SPARK GAP PROTECTORS
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com