Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

U-04781 Datasheet (PDF) - Turck, Inc.

U-04781 Datasheet PDF - Turck, Inc.
No. de pieza U-04781
Descarga  U-04781 Descarga
Tamaño del archivo   1500.51 Kbytes
Page   5 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Inductive Linear Position Sensor

U-04781 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
U-04781 Datasheet PDF - Turck, Inc.

No. de pieza U-04781
Descarga  U-04781 Click to download

Tamaño del archivo   1500.51 Kbytes
Page   5 Pages
Fabricante Electrónico  TURCK [Turck, Inc.]
Página de inicio  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Descripción Electrónicos Inductive Linear Position Sensor

U-04781 Datasheet (HTML) - Turck, Inc.


U-04781 Detalles de producto

Features
■Rectangular, aluminium / plastic
■Versatile mounting possibilities
■Measuring range displayed via LED
■Immune to electromagnetic interference
■Extremely short blind zones
■Resolution 0.001 mm
■15…30 VDC
■Male M12 x 1, 8-pin
■SSI output
■25 bit, Gray-coded, synchronous
■SSI clock rate: 62.5 kHz … 1 MHz
Functional principle
The measuring principle of linear position
sensors is based on RLC coupling between the
positioning element and the sensor, whereby
an output signal is provided proportional to the
position of the positioning element. The rugged
sensors are wear and tear-free, thanks to the
contactless operating principle. They convince
through their excellent repeatability, resolution
and linearity within a broad temperature range.
The innovative technology ensures a high
immunity to electromagnetic DC and AC fields.




Número de pieza similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Turck, Inc.
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 5P
Inductive Linear Position Sensor
11/07/2023
U-04781 TURCK-U-04781 Datasheet
1Mb / 7P
Contactless Encoder with Stainless Steel Housing – SSI Premium Line
11/07/2023
U-04781 TURCK-U-04781 Datasheet
2Mb / 6P
Contactless Encoder – Incremental: 1 … 5000 ppr Premium Line
11/07/2023
U-04781 TURCK-U-04781 Datasheet
2Mb / 7P
Contactless Encoder – SSI Premium Line
11/07/2023
More results


Descripción similar - U-04781

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Honeywell Solid State E...
HMR4001 HONEYWELL-HMR4001 Datasheet
200Kb / 4P
LINEAR POSITION SENSOR MODULE
logo
Integrated Device Techn...
ZMID5201 IDT-ZMID5201 Datasheet
987Kb / 30P
Inductive Position Sensor IC
logo
Honeywell Solid State E...
HMR4007 HONEYWELL-HMR4007 Datasheet
316Kb / 4P
LINEAR POSITION SENSOR MODULE
logo
TE Connectivity Ltd
KMXP TEC-KMXP Datasheet
368Kb / 7P
Linear Position Sensor
logo
Renesas Technology Corp
IPS2200 RENESAS-IPS2200 Datasheet
1Mb / 35P
Inductive Position Sensor IC
IPS2200 RENESAS-IPS2200_V01 Datasheet
1Mb / 37P
Inductive Position Sensor IC
Aug.5.22
IPS2550 RENESAS-IPS2550 Datasheet
1Mb / 53P
Inductive Position Sensor IC
June 20, 2022
ZMID4200 RENESAS-ZMID4200 Datasheet
1,018Kb / 26P
Inductive Position Sensor IC
Aug 19, 2021
ZMID5201 RENESAS-ZMID5201 Datasheet
1Mb / 33P
Inductive Position Sensor IC
July 21, 2020
logo
MultiDimension Technolo...
LPS-TMR125A4 MULTIDIMENSION-LPS-TMR125A4 Datasheet
547Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
LPS-TMR125B4 MULTIDIMENSION-LPS-TMR125B4 Datasheet
545Kb / 6P
Non-Contact Linear Position Sensor
Nov-19
More results



Enlace URL



Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com