Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

TCAN3413 Datasheet (PDF) - Texas Instruments

TCAN3413 Datasheet PDF - Texas Instruments
No. de pieza TCAN3413
Descarga  TCAN3413 Descarga
Tamaño del archivo   1844.18 Kbytes
Page   42 Pages
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments
Descripción Electrónicos TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff

TCAN3413 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
TCAN3413 Datasheet PDF - Texas Instruments

No. de pieza TCAN3413
Descarga  TCAN3413 Click to download

Tamaño del archivo   1844.18 Kbytes
Page   42 Pages
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments
Descripción Electrónicos TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff

TCAN3413 Datasheet (HTML) - Texas Instruments


TCAN3413 Detalles de producto

1 Features
• 3.3 V Single supply operation
– Eliminates the 5 V regulator saving BOM cost
and reducing PCB space
• Excellent EMC operation in homogeneous and
heterogeneous networks
• Compatible with the requirements of ISO
11898-2:2016 physical layer standard
• Support of classical CAN and optimized CAN FD
performance at 2, 5, and 8 Mbps
– Short and symmetrical propagation delays for
enhanced timing margin
• TCAN3413: I/O voltage range supports:
1.7 V to 3.6 V
• Receiver common mode input voltage: ±30 V
• Protection features:
– Bus fault protection: ±58 V
– IEC ESD protection on bus pins: ±10 kV
– Undervoltage protection
– TXD-dominant time-out (DTO)
– Thermal-shutdown protection (TSD)
• Operating modes:
– Normal mode
– Low power standby mode supporting remote
wake-up request
– Ultra-low power shutdown mode:
TCAN3414 only
• Optimized behavior when unpowered
– Bus and logic pins are high impedance (no load
to operating bus or application)
– Hot-plug capable: power up or down glitch-free
operation on bus and RXD output
• 8-Pin SOIC, small footprint SOT-23 and lead less
VSON-8 package with improved automated optical
inspection (AOI) capability

2 Applications
• Factory automation
• Grid Infrastructure
• Industrial transport
• Motor drives

3 Description
The TCAN3413 and TCAN3414 are controller area
network (CAN) FD transceivers that are compatible
with the physical layer requirements of the ISO
11898-2:2016 high-speed CAN specification.
The transceivers have certified electromagnetic
compatibility (EMC) operation for use with classical
CAN and CAN FD networks up to 5 megabits
per second (Mbps). Up to 8 Mbps operation in
simpler networks is possible with these devices. The
TCAN3413 includes internal logic level translation
through the VIO pin. Allowing the direct interface of the
transceiver I/O to 1.8-V, 2.5-V, or 3.3-V logic levels.
The transceivers support a low-power standby mode,
and a wake over CAN which is compliant to the ISO
11898-2:2016 defined wake-up pattern (WUP).
The transceivers include thermal-shutdown (TSD),
TXD-dominant time-out (DTO), supply undervoltage
detection, and ±58-V bus fault protection. The devices
have defined fail-safe behavior in supply undervoltage
or floating pin scenarios. The transceivers are
available in industry-standard SOIC-8, the VSON-8,
and a space-saving small footprint SOT-23 packages.




Número de pieza similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI1-TCAN3413 Datasheet
1Mb / 45P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
TCAN3413DDFR TI1-TCAN3413DDFR Datasheet
1Mb / 45P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
NOVEMBER 2023
More results


Descripción similar - TCAN3413

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TCAN3413 TI1-TCAN3413_V02 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers With Standby Mode and ±58 V Bus Standoff
REVISED NOVEMBER 2023
TCAN3413 TI-TCAN3413 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3413 TI-TCAN3413_V01 Datasheet
1Mb / 42P
TCAN341x 3.3-V CAN FD Transceivers with Standby Mode
MARCH 2023
TCAN3404-Q1 TI1-TCAN3404-Q1 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN3404-Q1 TI-TCAN3404-Q1_V01 Datasheet
1Mb / 18P
TCAN340x-Q1 3.3-V Automotive CAN FD Transceivers with Standby Mode
DECEMBER 2022
TCAN330 TI1-TCAN330_16 Datasheet
1Mb / 40P
3.3-V CAN Transceivers with CAN FD (Flexible Data Rate)
SN65HVD233-Q1 TI1-SN65HVD233-Q1 Datasheet
1Mb / 34P
3.3-V Automotive CAN Bus Transceivers
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
3.3-V CAN TRANSCEIVERS
More results




Sobre a Texas Instruments


Texas Instruments (TI) es una empresa que cotiza en bolsa que diseña y fabrica productos de tecnología de semiconductores y computadoras.

Fue fundada en 1930 y tiene su sede en Dallas, Texas.

TI es un líder global en la producción de circuitos integrados de procesamiento de señales analógicos y digitales (DSP), así como procesadores integrados y otros productos de microcontroladores.

La compañía atiende a clientes en una variedad de industrias, incluidas automotriz, comunicaciones, informática, industrial y electrónica de consumo.

La cartera de productos de TI incluye convertidores de datos, amplificadores y comparadores, ICS de administración de energía, microcontroladores, sensores y soluciones de conectividad inalámbrica, entre otras.

TI está comprometido con la innovación y la satisfacción del cliente, y tiene una larga historia de entrega de productos confiables de alta calidad a sus clientes.

Con un enfoque en la sostenibilidad y la eficiencia energética, TI se dedica a tener un impacto positivo en el mundo a través de su tecnología y productos.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com