Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

M2400 Datasheet(PDF) 1 Page - MTRONPTI

No. de pieza M2400
Descripción Electrónicos  SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MTRONPTI [MTRONPTI]
Página de inicio  http://www.mtronpti.com
Logo MTRONPTI - MTRONPTI

M2400 Datasheet(HTML) 1 Page - MTRONPTI

  M2400 Datasheet HTML 1Page - MTRONPTI M2400 Datasheet HTML 2Page - MTRONPTI M2400 Datasheet HTML 3Page - MTRONPTI  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
M2400 through M2402 Series
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
1 of 3
Ordering Information:
Product Series
(Supply Voltage Option)
Temperature Range
Stability
Output Type
Symmetry
Package/Lead
Configuration
Frequency
MHz
Code
Value
Code
Value
Code
Value
Code
Value
Code
Value
M2400
(3.3V)
M2401
(2.5V)
M2402
(1.8V)
6
-20 to +70 °C
3
±100 ppm
F
Q
T
Fixed
Standby
Tristate
C
G
45/55
CMOS
40/60
CMOS
N
Leadless
xxx.xxxxxx
2
-40 to +85 °C
4
± 50 ppm
6
± 25 ppm
8 *
± 20 ppm
Example: M240064TCN 25.000000 MHz
M2400
6
4
T
C
N
25.000000
* Contact factory for availability
Electrical Specifications:
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Frequency of Operation
FO
1
100
MHz
Frequency Stability
Frequency Stability
F/F
See Ordering Information
ppm
Output
Output Type
HCMOS Compatible
Output Load
15
pF
Symmetry (duty cycle)
TDC
45
55
%
Ref to ½ VDD
Logic “1” Level
VOH
90% VDD
V
HCMOS load
Logic “0” Level
VOL
10% VDD
V
HCMOS load
Rise/Fall Time
TR/TF
5
ns
1 – 100 MHz
Start-Up Time
10
ms
Tristate or Standby Function
Logic (70% VDD min) or floating
Pad 1: Enables output
Logic (30% VDD max) to a high-Z state
Pad 1: Disables output
Supply Voltage & Power Consumption
Supply Voltage
VDD
2.97
3.30
3.63
V
M2400
2.25
2.50
2.75
V
M2401
1.62
1.80
1.98
V
M2402
Supply Current
IDD
6
mA
1.000 – 20.000 MHz
10
mA
20.001 – 60.000 MHz
16
mA
60.001 – 100.000 MHz
Additional Specifications
Phase Jitter
10
ps
@ 1M (12 kHz to 1 MHz)
1.5
ps
@ 20M (12 kHz to 20 MHz)
1.2
ps
@ 25M (12 kHz to 20 MHz)
1.0
ps
@ 30M (12 kHz to 20 MHz)
0.8
ps
@ 40M (12 kHz to 20 MHz)
0.7
ps
@ 50M (12 kHz to 20 MHz)
0.5
ps
@ 66M (12 kHz to 20 MHz)
0.5
ps
@ 70M (12 kHz to 20 MHz)
0.4
ps
@ 100M (12 kHz to 20 MHz)


Número de pieza similar - M2400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MTRONPTI
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
logo
Alpha Wire
M2403 ALPHAWIRE-M2403 Datasheet
409Kb / 4P
28 (7/36) AWG Tinned Copper
M2404 ALPHAWIRE-M2404 Datasheet
409Kb / 4P
28 (7/36) AWG Tinned Copper
logo
MTRONPTI
M2406 MTRONPTI-M2406 Datasheet
1Mb / 3P
SPECIFICATION FOR 5.0 x 7.0 mm SMT CRYSTAL OSCILLATOR
logo
Alpha Wire
M2406 ALPHAWIRE-M2406 Datasheet
409Kb / 4P
28 (7/36) AWG Tinned Copper
More results

Descripción similar - M2400

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
MTRONPTI
M250063TCN MTRONPTI-M250063TCN Datasheet
124Kb / 3P
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M251063TCN MTRONPTI-M251063TCN Datasheet
124Kb / 3P
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M250X MTRONPTI-M250X Datasheet
126Kb / 3P
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M251X MTRONPTI-M251X Datasheet
127Kb / 3P
SPECIFICATION FOR 2.5x2.0 mm SMT CRYSTAL OSCILLATOR
M2403 MTRONPTI-M2403 Datasheet
1Mb / 3P
SPECIFICATION FOR 2.5 x 3.2 mm SMT CRYSTAL OSCILLATOR
M2406 MTRONPTI-M2406 Datasheet
1Mb / 3P
SPECIFICATION FOR 5.0 x 7.0 mm SMT CRYSTAL OSCILLATOR
logo
TAI-SAW TECHNOLOGY CO.,...
TW0248A TAI-SAW-TW0248A Datasheet
129Kb / 8P
SMD 2.5x2.0 24MHz Crystal Oscillator
REV. NO.:1.0
TW0299C TAI-SAW-TW0299C Datasheet
172Kb / 9P
Crystal Oscillator SMD 2.5x2.0 19.20MHz
REV. NO.:2.0
TW0451A TAI-SAW-TW0451A Datasheet
131Kb / 8P
SMD 2.5x2.0 12.00MHz Crystal Oscillator
REV. NO.: 2
TW0464A TAI-SAW-TW0464A Datasheet
142Kb / 8P
Crystal Oscillator SMD 2.5x2.0 3.5795MHz
REV. NO: 1.0
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.COM.MX
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com